Electronic Components Datasheet Search
  English  ▼

X  

ARF674 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ARF674
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF674 Datasheet(HTML) 1 Page - Power Semiconductors

  ARF674 Datasheet HTML 1Page - Power Semiconductors ARF674 Datasheet HTML 2Page - Power Semiconductors ARF674 Datasheet HTML 3Page - Power Semiconductors ARF674 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FAST RECOVERY DIODE
ARF674
Repetitive voltage up to
4500 V
Mean forward current
945 A
Surge current
15 kA
FINAL SPECIFICATION
feb 97 - ISSUE : 03
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
4500
V
V RSM
Non-repetitive peak reverse voltage
125
4600
V
I RRM
Repetitive peak reverse current
V=VRRM
125
80
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
945
A
I F (AV)
Mean forward current
180° square,50 Hz,Th=55°C,double side cooled
940
A
I FSM
Surge forward current
Sine wave, 10 ms
125
15
kA
I² t
I² t
reapplied reverse voltage up to 50% VRSM
1125 x1E3
A²s
V FM
Forward voltage
Forward current = 1570 A
25
3
V
V F(TO)
Threshold voltage
125
1.90
V
r F
Forward slope resistance
125
0.700
mohm
SWITCHING
t rr
Reverse recovery time
I F =
500 A
8
µs
Q rr
Reverse recovery charge
di/dt=
30 A/µs
125
600
µC
I rr
Peak reverse recovery current
VR =
100 V
150
A
s
Softness (s-factor), min
0.4
V FR
Peak forward recovery
di/dt=
400 A/µs
42
V
MOUNTING
R th(j-h)
Thermal impedance
Junction to heatsink, double side cooled
21
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
22.0 / 24.5
kN
Mass
520
g
ORDERING INFORMATION : ARF674 S 45
standard specification
VRRM/100
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510


Similar Part No. - ARF674

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF670 POSEICO-ARF670 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
ARF670S45 POSEICO-ARF670S45 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
ARF671 POSEICO-ARF671 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF671S45 POSEICO-ARF671S45 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF672 POSEICO-ARF672 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
More results

Similar Description - ARF674

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com