Electronic Components Datasheet Search
  English  ▼

X  

DB35-005 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DB35-005
Description  Three-Phase Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DB35-005 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DB35-005 Datasheet HTML 1Page - Diotec Semiconductor DB35-005 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB35-005 ... DB35-16
DB35-005 ... DB35-16
Three-Phase Si-Bridge-Rectifiers
Dreiphasen-Si-Brückengleichrichter
Version 2006-11-30
Dimensions - Maße [mm]
Nominal current
Nennstrom
35 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1600 V
Plastic case with alu bottom
Plastikgehäuse mit Alu-Boden
28.5 x 28.5 x 10 [mm]
Weight approx. – Gewicht ca.
21 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
DB35-005
35
50
DB35-01
70
100
DB35-02
140
200
DB35-04
280
400
DB35-06
420
600
DB35-08
560
800
DB35-10
700
1000
DB35-12
800
1200
DB35-14
900
1400
DB35-16
1000
1600
1
Valid for one branch – Gültig für einen Brückenzweig
© Diotec Semiconductor AG
http://www.diotec.com/
1
28.5±0.2
16±0.2
21.6±1
10±0.2
Ø 5.2
==
+
_


Similar Part No. - DB35-005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB35-005 DIOTEC-DB35-005 Datasheet
177Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
Three-Phase Si-Bridge Rectifiers
DB35-005 SEMIKRON-DB35-005 Datasheet
260Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB35-005 DIOTEC-DB35-005 Datasheet
215Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005_06 Datasheet
260Kb / 2P
Three-Phase Si-Bridge Rectifiers
More results

Similar Description - DB35-005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
Three-Phase Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com