Electronic Components Datasheet Search
  English  ▼

X  

CAT25C64 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT25C64
Description  64K-Bit SPI Serial CMOS EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT25C64 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 14Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 15Page - Catalyst Semiconductor CAT25C64 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
CAT25C64
Doc. No. 1112, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
W
E
F
B0
A0
P
D
P0
P2
D1
FOR COMPONENTS
2.0mm X 1.2mm
AND LARGER
10 PITCHES
CUMULATIVE TOLERANCE
ON TAPE 0.2mm( 0.008)
EMBOSSMENT
(2)
K0
B1
K
T
FOR MACHINE REFERENCE ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC ABOUT B0
USER DIRECTION OF FEED
CENTER LINES
OF CAVITY
(2)
TOP
COVER
TAPE
Embossed Carrier Dimensions (12 Pape Only)
Embossed Tape—Variable Dimensions(1)
Embossed Tape—Constant Dimensions(1)
s
e
z
i
S
e
p
a
TD
E
P
0
.
x
a
M
T.
n
i
M
1
DA
0 B0 K0
)
2
(
m
m
2
1
)
9
5
0
.
0
(
5
.
1
)
3
6
0
.
0
(
6
.
1
)
5
6
0
.
0
(
5
6
.
1
)
3
7
0
.
0
(
5
8
.
1
)
3
5
1
.
0
(
9
.
3
)
1
6
1
.
0
(
1
.
4
0
0
4
)
6
1
0
.
0
(
5
.
1
)
9
5
0
.
0
(
s
e
z
i
S
e
p
a
TB
1
.
x
a
MF
.
x
a
M
KP
2
.
n
i
M
RW
P
m
m
2
1
2
.
8
)
3
2
3
0
.
0
(
)
5
1
2
0
.
0
(
5
4
.
5
)
9
1
2
0
.
0
(
5
5
.
5
5
.
4
)
7
7
1
.
0
(
)
7
7
0
.
0
(
5
9
.
1
)
1
8
0
.
0
(
5
0
.
2
0
3
)
1
8
1
.
1
(
)
0
6
4
.
0
(
7
.
1
1
)
4
8
4
.
0
(
3
.
2
1
)
5
7
2
.
0
(
9
.
7
)
5
5
3
.
0
(
1
.
8
Note:
(1) Metric dimensions will govern; English measurements rounded, for reference only and in parentheses.
(2) A0 B0 K0 are determined by component size. The clearance between the component and the cavity must be within 0.05 (0.002) min. to
0.65 (0.026) max. for 12mm tape, 0.05 (0.002) min. to 0.90 (0.035) max. for 16mm tape, and 0.05 (0.002) min. to 1.00 (0.039) max. for
24mm tape and larger. The component cannot rotate more than 20
° within the determined cavity, see Component Rotation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com