Electronic Components Datasheet Search
  English  ▼

X  

FE6A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FE6A
Description  Superfast Switching Silicon-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE6A Datasheet(HTML) 1 Page - Diotec Semiconductor

  FE6A Datasheet HTML 1Page - Diotec Semiconductor FE6A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE6A ... FE6G
FE6A ... FE6G
Superfast Switching Silicon-Rectifiers
Superschnelle Silizium-Gleichrichter
Version 2005-11-08
Dimensions - Maße [mm]
Nominal current
Nennstrom
6 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...400 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
P600 Style
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF at/bei IF = 5 A
FE6A
50
50
< 0.95
FE6B
100
100
< 0.95
FE6D
200
200
< 0.95
FE6F
300
300
< 0.95
FE6G
400
400
< 1.25
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 25°C
IFAV
6 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
50 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
200/220 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
200 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - FE6A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE6A GE-FE6A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Diotec Semiconductor
FE6A DIOTEC-FE6A Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
FE6A DIOTEC-FE6A Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
logo
VoltarisTech Inc
FE6A VOLTARISTECH-FE6A Datasheet
386Kb / 2P
SINTERED GLASS JUNCTION FAST EFFICIENT RECTIFIER
Rev.A1
logo
Diotec Semiconductor
FE6A DIOTEC-FE6A_12 Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
More results

Similar Description - FE6A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ER2A DIOTEC-ER2A Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER3A DIOTEC-ER3A Datasheet
165Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
FE1A DIOTEC-FE1A Datasheet
154Kb / 2P
Superfast Silicon Rectifiers
FE2A DIOTEC-FE2A Datasheet
154Kb / 2P
Superfast Silicon Rectifiers
SFE1A DIOTEC-SFE1A Datasheet
235Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
EGL34A DIOTEC-EGL34A_07 Datasheet
101Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
F1200A DIOTEC-F1200A_07 Datasheet
93Kb / 2P
Superfast Silicon-Rectifiers
FE1A DIOTEC-FE1A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE2A DIOTEC-FE2A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE3A DIOTEC-FE3A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com