Electronic Components Datasheet Search
  English  ▼

X  

ARF678 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ARF678
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF678 Datasheet(HTML) 1 Page - Power Semiconductors

  ARF678 Datasheet HTML 1Page - Power Semiconductors ARF678 Datasheet HTML 2Page - Power Semiconductors ARF678 Datasheet HTML 3Page - Power Semiconductors ARF678 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FAST RECOVERY DIODE
ARF678
Repetitive voltage up to
4500 V
Mean forward current
1690 A
Surge current
27 kA
FINAL SPECIFICATION
apr 97 - ISSUE : 01
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
150
4500
V
V RSM
Non-repetitive peak reverse voltage
150
4600
V
I RRM
Repetitive peak reverse current
V=VRRM
150
150
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
1690
A
I F (AV)
Mean forward current
180° square,50 Hz,Th=55°C,double side cooled
1735
A
I FSM
Surge forward current
Sine wave, 10 ms
150
27
kA
I² t
I² t
reapplied reverse voltage up to 50% VRSM
2880 x1E3
A²s
V FM
Forward voltage
Forward current =2000
A
25
2.40
V
V F(TO)
Threshold voltage
150
1.30
V
r F
Forward slope resistance
150
0.650
mohm
SWITCHING
t rr
Reverse recovery time
I F =
1000 A
4.2
µs
Q rr
Reverse recovery charge
di/dt=
250 A/µs
150
1350
µC
I rr
Peak reverse recovery current
VR =
50 V
650
A
s
Softness (s-factor), min
0.5
V FR
Peak forward recovery
di/dt=
400 A/µs
150
40
V
MOUNTING
R th(j-h)
Thermal impedance
Junction to heatsink, double side cooled
14.0
°C/kW
T j
Operating junction temperature
-30 / 150
°C
F
Mounting force
35.0 / 40.0
kN
Mass
850
g
ORDERING INFORMATION : ARF678 S 45
standard specification
VRRM/100
Via N. Lorenzi 8 - I 16152 GENOVA - ITALY
Tel. int. +39/(0)10 6556549 - (0)10 6556488
Fax Int. +39/(0)10 6442510
Tx 270318 ANSUSE I -
ANSALDO
Ansaldo Trasporti s.p.a.
Unita' Semiconduttori


Similar Part No. - ARF678

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF670 POSEICO-ARF670 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
ARF670S45 POSEICO-ARF670S45 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
ARF671 POSEICO-ARF671 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF671S45 POSEICO-ARF671S45 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF672 POSEICO-ARF672 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
More results

Similar Description - ARF678

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com