Electronic Components Datasheet Search
  English  ▼

X  

E2G Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # E2G
Description  E2G Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2G Datasheet(HTML) 2 Page - Ashcroft, Inc.

  E2G Datasheet HTML 1Page - Ashcroft, Inc. E2G Datasheet HTML 2Page - Ashcroft, Inc. E2G Datasheet HTML 3Page - Ashcroft, Inc. E2G Datasheet HTML 4Page - Ashcroft, Inc. E2G Datasheet HTML 5Page - Ashcroft, Inc. E2G Datasheet HTML 6Page - Ashcroft, Inc. E2G Datasheet HTML 7Page - Ashcroft, Inc. E2G Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
Data Sheet
E2G Pressure Transducer
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracyTM and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®,
Superseal® and VCR®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. E2G_transducer_ds_RevP_10-25-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 8
2
EMC:
Directive 2014/30/EU, and EN61326-1,
EN61326-2-3 (Industrial Env.)
Immunity: 61000-4-2 (ESD)
±4 kV/±8 kV (Contact/Air)
61000-4-3 (Radiated RF)
10 V/m to 1 GHZ, 3 V/m to
2 GHz, 1 V/m to 2.7 GHz
61000-4-4 (EFT/Burst)
±1 kV (5/50 ns, 5 kHz)
61000-4-5 (Surge)
±1 kV, Earth to Shield over
all I/O lines
61000-4-6 (Conducted RF)
3 V/ (0.15 to 80 MHz)
61000-4-8 (Line Freq. Magnetic) 30 A/m
Emissions: EN 55011 (CISPR 11) Class A, Group 1 & FCC (47 CFR 15)
PHYSICAL SPECIFICATIONS
Ingress Rating:
IP66 (NEMA 4X) (STD.)
IP67 (IP69K Consult Factory)
WETTED MATERIAL
Diaphragm:
Sensor:
A
B
C
D
Material:
17-4 PH®* Stainless steel*
316L Stainless steel
316L Stainless steel, liquid isolated
A286
*"A" sensor with ranges of 10,000 psi and above include 316 Stainless
steel and 17-4 PH® H900 Stainless steel (process connection).
Process Connection:
316L Stainless steel
NON-WETTED MATERIAL
Housing:
316L Stainless steel
EMC TESTING
TABLE 1: PROOF & BURST PRESSURE MULTIPLIERS
A Sensor -
17-4 PH® SS
B Sensor -
316 LSS
C Sensor -
316L SS ISO
D Sensor -
A286
Sensor
Range Proof
Burst
Proof
Burst
Proof
Burst
Proof
Burst
(
psi)
1.5
3.3X
5X
5
3X
5X
10
2X
5X
15
2X
5X
30
2X
8X
1.5X
8X
2X
5X
45
1.9X
8X
1.4X
8X
3.1X
5X
50
2.9X
8X
2.2X
8X
2.8X
5X
60
2.4X
8X
1.8X
8X
2.3X
5X
75
1.9X
8X
1.5X
8X
1.9X
5X
100
2X
8X
1.5X
8X
3X
5X
150
2X
8X
1.5X
8X
2X
4X
200
2X
8X
1.5X
8X
3X
3X
300
1.9X
8X
1.5X
8X
2X
3X
500
2X
8X
1.2X
5X
3X
4X
750
1.9X
8X
1.2X
5X
1000
2X
8X
1.2X
5X
1500
1.9X
8X
1.2X
5X
2000
2X
8X
1.2X
5X
3000
1.9X
5X
1.2X
5X
5000
1.5X
5X
1.2X
5X
2.4X
5X
7500
1.5X
3X
1.6X
5X
10,000
1.2X
3X
1.2X
5X
15,000
1.7X
3X
1.7X
5X
20,000
1.3X
3X
1.3X
5X
(Compound)
VAC#
2X
5X
V&15#
2X
5X
V&30#
2X
5X
V&45#
2X
8X
1.5X
8X
V&60#
2X
8X
1.5X
8X
2X
5X
V&100#
2X
8X
1.5X
8X
V&150#
2X
8X
1.5X
8X
2X
4X
V&200#
2X
8X
1.5X
8X
V&300#
2X
8X
1.5X
8X
2X
3X
(psia)
15
2X
5X
30
2X
5X
50
2X
5X
150
2X
4X
300
2X
3X
500
2X
3X
APPROVALS
CE/UKCA, UL/cUL Recognized component (UL 61010-1, CSA 22.2 61010-1),
Electrical Equipment for Measurement, Control, and Laboratory Use.
Ashcroft’s TruAccuracy™ specification is exclusively based on terminal
point methodology instead of statistically derived schemes like
‘best fit straight line’.
TruAccuracy™ means the Ashcroft E2G has ±0.25% of span accuracy
out of the box. Zero and span setting errors are already included in the
±0.25% of span accuracy spec. 
The E2G is ready to be installed with no additional calibration
adjustments required.
A unit from another manufacturer advertised as ±0.25% best fit
straight line may actually be a ±1.25% to ±2.25% device. Using best
fit straight line method, the accuracy spec does not include zero and
span setting errors, which can be as much as ±1.00% each.
What Does It Mean?



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com