Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # E2S
Description  E2S Intrinsically Safe Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2S Datasheet(HTML) 2 Page - Ashcroft, Inc.

  E2S Datasheet HTML 1Page - Ashcroft, Inc. E2S Datasheet HTML 2Page - Ashcroft, Inc. E2S Datasheet HTML 3Page - Ashcroft, Inc. E2S Datasheet HTML 4Page - Ashcroft, Inc. E2S Datasheet HTML 5Page - Ashcroft, Inc. E2S Datasheet HTML 6Page - Ashcroft, Inc. E2S Datasheet HTML 7Page - Ashcroft, Inc. E2S Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. e2s_transducer_ds_RevB_08-17-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
E2S Intrinsically Safe Pressure Transducer
Data Sheet
of 8
2
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracyTM and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®,
Superseal® and VCR®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2s_transducer_ds_RevI_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 8
2
TABLE 1: PROOF & BURST PRESSURE MULTIPLIERS
A Sensor -
17-4PH® SS
B Sensor -
316L SS
C Sensor -
316L SS ISO
D Sensor -
A286
Sensor
Range Proof
Burst
Proof
Burst
Proof
Burst
Proof
Burst
(
psi)
1.5
3.3X
5X
5
3X
5X
10
2X
5X
15
2X
5X
30
2X
5X
45
1.9X
8X
1.4X
8X
3.1X
5X
50
2X
8X
1.5X
8X
2X
5X
60
2X
8X
1.5X
8X
2X
5X
75
1.9X
8X
1.5X
8X
1.9X
5X
100
2X
8X
1.5X
8X
3.0X
5X
150
1.9X
8X
1.5X
8X
2X
4X
200
2X
8X
1.5X
8X
3.0X
3X
300
1.9X
8X
1.5X
8X
2X
3X
500
2X
8X
1.2X
5X
2X
3X
750
1.9X
8X
1.2X
5X
1000
2X
8X
1.2X
5X
1500
1.9X
8X
1.2X
5X
2000
2X
8X
1.2X
5X
3000
1.9X
5X
1.2X
5X
5000
1.5X
5X
1.2X
5X
2.4X
5X
7500
1.5X
3X
1.6X
5X
10000
1.2X
3X
1.2X
5X
15000
1.7X
3X
1.7X
5X
20000
1.3X
3X
1.3X
5X
(Compound)
VAC#
2X
5X
V&15#
2X
5X
V&30#
2X
5X
V&45#
2X
8X
1.5X
8X
3.3X
7.7X
V&60#
2X
8X
1.5X
8X
2X
5X
V&100#
2X
8X
1.5X
8X
3X
6X
V&150#
2X
8X
1.5X
8X
2X
4X
V&200#
2X
8X
1.5X
8X
3X
4.5X
V&300#
2X
8X
1.5X
8X
2X
3X
(psia)
15
2X
5X
30
2X
5X
70
2X
5X
150
2X
4X
300
2X
3X
500
2X
3X
PHYSICAL SPECIFICATIONS
Ingress Rating:
IP66 (NEMA 4X) (STD.)
IP67 (IP69K Consult Factory)
WETTED MATERIAL
Diaphragm:
Sensor:
A
B
C
D
Material:
17-4PH® Stainless steel
316L Stainless steel
316L Stainless steel, liquid isolated
A286
Process Connection: 316L Stainless steel
NON-WETTED MATERIAL
Housing:
316L Stainless steel
EMC TESTING
EMC:
Directive 2014/30/EU, and EN61326-1,
EN61326-2-3 (Industrial Env.)
Immunity:
61000-4-2 (ESD)
±4 kV/±8 kV (Contact/Air)
61000-4-3 (Radiated RF)
10 V/m to 1 GHz, 3 V/m to
2 GHz, 1 V/m to 2.7 GHz
61000-4-4 (EFT/Burst)
±1 kV (5/50 ns, 5 kHz)
61000-4-5 (Surge)
±1 kV, Earth to Shield over
all I/O lines
61000-4-6 (Conducted RF)
3 V (0.15 to 80 MHz)
61000-4-8 (Line Freq. Magnetic) 30 A/m
Emissions: EN 55011 (CISPR 11) Class A, Group 1 & FCC (47 CFR 15)
HAZARDOUS AREA CERTIFICATIONS
Intrinsically Safe Installations
FM
Class 1, Division 1, Groups A, B, C, D T4 -40°C < Ta <80°C
Class 1, Zone 0, AEx ia IIC T4 Ga -40°C < Ta < 80°C
Class 1, Zone 2, AEx ic IIC T4 Gc -40°C < Ta < 80°C
CSA
Class 1, Division 1, Groups A, B, C, D T4, Ex ia -40°C < Ta < 80°C
Ex ia IIC T4 Ga -40°C < Ta < 80°C
Ex ic IIC T4, Gc -40°C < Ta < 80°C
ATEX
II 1 G Ex ia IIC T4 Ga -40°C < Ta < 80°
II 3 G Ex ic IIC T4 Gc -40°C < Ta < 80°C
IECEx
Ex ia IIC T4 Ga -40°C < Ta < 80°C
Ex ic IIC T4 Gc -40°C < Ta < 80°C
Non-Incendive Installations
FM
Class 1, Division 2, Groups A, B, C, D T4, -40°C < Ta <80°C
CSA
Class 1, Division 2, Groups A, B, C, D T4, -40°C < Ta < 80°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com