Electronic Components Datasheet Search
  English  ▼

X  

IRF2204LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF2204LPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2204LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF2204LPBF Datasheet HTML 1Page - International Rectifier IRF2204LPBF Datasheet HTML 2Page - International Rectifier IRF2204LPBF Datasheet HTML 3Page - International Rectifier IRF2204LPBF Datasheet HTML 4Page - International Rectifier IRF2204LPBF Datasheet HTML 5Page - International Rectifier IRF2204LPBF Datasheet HTML 6Page - International Rectifier IRF2204LPBF Datasheet HTML 7Page - International Rectifier IRF2204LPBF Datasheet HTML 8Page - International Rectifier IRF2204LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
170
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
120
†
A
IDM
Pulsed Drain Current

850
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
460
mJ
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting Torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
HEXFET® Power MOSFET
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the lastest processing techniques to
achieve extremely low on-resistance per silicon area. Additional
features to this design are a 175°C junction operating temperature,
fast switching speed and improved repetitive avalanche rating.
These features combine to make this design an extremely
efficient and reliable device for use in Automotive applications
and a wide variety of other applications.
S
D
G
Absolute Maximum Ratings
VDSS = 40V
RDS(on) = 3.6mΩ
ID = 170A
†
Description
06/30/04
www.irf.com
1
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Features
Typical Applications
Electric Power Steering
14 Volts Automotive Electrical Systems
Lead-Free
AUTOMOTIVE MOSFET
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient
–––
40
PD - 95491
IRF2204SPbF
IRF2204LPbF
D2Pak
IRF2204S
TO-262
IRF2204L
°C/W


Similar Part No. - IRF2204LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2204L IRF-IRF2204L Datasheet
224Kb / 11P
AUTOMOTIVE MOSFET
More results

Similar Description - IRF2204LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFPS3810 IRF-IRFPS3810 Datasheet
124Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com