Electronic Components Datasheet Search
  English  ▼

X  

HV2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # HV2
Description  Fast Switching High Voltage Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

HV2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  HV2 Datasheet HTML 1Page - Diotec Semiconductor HV2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV1.5 ... HV2
HV1.5 ... HV2
Fast Switching High Voltage Si-Rectifiers
Schnelle Si-Hochspannungs-Gleichrichter
Version 2006-04-27
Dimensions - Maße [mm]
Nominal current
Nennstrom
500 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
1500...2000 V
Plastic case
Kunststoffgehäuse
DO-41
DO-204AL
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
HV1.5
1500
1500
HV2
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
500 mA 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
5 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
27/30 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t3.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.05
0.8
Ø
0.1
2.6
-


Similar Part No. - HV2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
HV2 DIOTEC-HV2 Datasheet
138Kb / 2P
Fast Recovery Rectifier Diodes
HV2 DIOTEC-HV2 Datasheet
144Kb / 2P
Fast Recovery Rectifier Diodes
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
100Kb / 2P
Fast Switching Surface Mount High Voltage Si-Rectifiers
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
150Kb / 2P
Fast Recovery Rectifier Diodes
HV2.3SMA DIOTEC-HV2.3SMA_18 Datasheet
150Kb / 2P
Fast Recovery Rectifier Diodes
More results

Similar Description - HV2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300 Datasheet
127Kb / 2P
Fast Switching High Voltage Si-Rectifiers
FR2A DIOTEC-FR2A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
B40FD DIOTEC-B40FD Datasheet
141Kb / 2P
Fast Switching Si-Bridge Rectifiers
logo
Semikron International
B40FD SEMIKRON-B40FD Datasheet
161Kb / 2P
Fast Switching Si-Bridge Rectifiers
logo
Diotec Semiconductor
D-BY228G DIOTEC-D-BY228G Datasheet
69Kb / 2P
Fast Switching Si-Rectifiers
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
HV3 DIOTEC-HV3_07 Datasheet
98Kb / 2P
Fast Switching High Voltage Si-Rectifiers
B40FD DIOTEC-B40FD_09 Datasheet
128Kb / 2P
Fast Switching Si-Bridge-Rectifiers
D-BY228G DIOTEC-D-BY228G_11 Datasheet
96Kb / 2P
Fast Switching Si-Rectifiers
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
100Kb / 2P
Fast Switching Surface Mount High Voltage Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com