Electronic Components Datasheet Search
  English  ▼

X  

MCL4448 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MCL4448
Description  Surface Mount Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MCL4448 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MCL4448 Datasheet HTML 1Page - Diotec Semiconductor MCL4448 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCL4148, MCL4448
MCL4148, MCL4448
Surface Mount Small Signal Diodes
Kleinsignal-Dioden für die Oberflächenmontage
Version 2007-09-21
Dimensions - Maße [mm]
Power dissipation
Verlustleistung
500 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
100 V
Glass case Quadro-MicroMELF
Glasgehäuse Quadro-MicroMELF
(LS-31)
Weight approx. – Gewicht ca.
0.01 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MCL4148, MCL4448
Power dissipation − Verlustleistung
Ptot
500 mW 1)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
150 mA 1)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
300 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
500 mA 1)
2 A
Reverse voltage – Sperrspannung
VR
75 V
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
100 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+175°C
-55…+175°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
MCL4148
IF = 50 mA
VF
< 1.0 V
MCL4448
IF = 5 mA
IF = 100 mA
VF
VF
0.62...0.72 V
< 1 V
Leakage current – Sperrstrom 2)
VR = 20 V
VR = 75 V
IR
IR
< 25 nA
< 5 µA
Leakage current – Sperrstrom, Tj = 125°C 2)
VR = 20 V
VR = 75 V
IR
IR
< 30 µA
< 50 µA
Typ. junction capacitance – Typ. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
4 pF
Reverse recovery time – Sperrverzug
IF = 10 mA über/through IR = 10 mA bis/to IR = 1 mA
trr
< 4 ns
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - MCL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
59Kb / 5P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
Formosa MS
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
Switching Diode - Silicon epitaxial planar type
logo
Weitron Technology
MCL4448 WEITRON-MCL4448 Datasheet
331Kb / 3P
High-Speed Switching Diodes
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
134Kb / 6P
Small Signal Fast Switching Diodes
07-Mar-06
More results

Similar Description - MCL4448

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL101B DIOTEC-MCL101B Datasheet
88Kb / 1P
Surface Mount Small Signal Diodes
LS4148 DIOTEC-LS4148_07 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com