Electronic Components Datasheet Search
  English  ▼

X  

CAT25010 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25010
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25010 Datasheet HTML 5Page - Catalyst Semiconductor CAT25010 Datasheet HTML 6Page - Catalyst Semiconductor CAT25010 Datasheet HTML 7Page - Catalyst Semiconductor CAT25010 Datasheet HTML 8Page - Catalyst Semiconductor CAT25010 Datasheet HTML 9Page - Catalyst Semiconductor CAT25010 Datasheet HTML 10Page - Catalyst Semiconductor CAT25010 Datasheet HTML 11Page - Catalyst Semiconductor CAT25010 Datasheet HTML 12Page - Catalyst Semiconductor CAT25010 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ
instruction followed by a 8-bit address (for the
CAT25040, bit 3 of the read instruction opcode
contains A8 address bit).
After
receiving
the
last
address
bit,
the
CAT25010/20/40 will respond by shifting out data on
the SO pin (as shown in Figure 8). Sequentially stored
data can be read out by simply continuing to run the
clock. The internal address pointer is automatically
incremented to the next higher address as data is
shifted out. After reaching the highest memory
address, the address counter “rolls over” to the lowest
memory address, and the read cycle can be continued
indefinitely. The read operation is terminated by taking
CS
¯¯ high.
Read Status Register
To read the status register, the host simply sends a
RDSR command. After receiving the last bit of the
command, the CAT25010/20/40 will shift out the
contents of the status register on the SO pin
(Figure 9). The status register may be read at any
time, including during an internal write cycle.
Figure 8. READ Timing
Notes:
Dashed Line = mode (1, 1) - - - - - -
* X = 0 for CAT25010, CAT25020. X = A8 for CAT25040
Figure 9. RDSR Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
SCK
SI
SO
BYTE ADDRESS
01
23
456
78
9
D7 D6 D5 D4 D3 D2 D1 D0
CS
DATA OUT
MSB
HIGH IMPEDANCE
A0
OPCODE
13
12
14 15
16
17
18 19
20
21 22
00
00
X*
0
1
1
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com