Electronic Components Datasheet Search
  English  ▼

X  

KSC800DLE4CF Datasheet(PDF) 2 Page - Schneider Electric

Part # KSC800DLE4CF
Description  Canalis KSA(ALUMINIUM)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KSC800DLE4CF Datasheet(HTML) 2 Page - Schneider Electric

  KSC800DLE4CF Datasheet HTML 1Page - Schneider Electric KSC800DLE4CF Datasheet HTML 2Page - Schneider Electric KSC800DLE4CF Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
보호의 IK 정도
IK08 conforming to IEC 62262
포장 단위
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
13 cm
Package 1 Width
98.4 cm
Package 1 Length
86.9 cm
Package 1 Weight
49 kg
계약 보증
보증
18 개월
2
2024. 12. 16.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com