Electronic Components Datasheet Search
  English  ▼

X  

MMBT3906 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT3906
Description  Surface Mount Si-Epi-Planar Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT3906 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT3906 Datasheet HTML 1Page - Diotec Semiconductor MMBT3906 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT3906
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 10 mA, - IB = 1 mA
- IC = 50 mA, - IB = 5 mA
- VCEsat
- VCEsat
–
–
–
–
0.25 V
0.4 V
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
- IC = 10 mA, - IB = 1 mA
- IC = 50 mA, - IB = 5 mA
- VBEsat
- VBEsat
0.65 V
–
–
–
0.85 V
0.95 V
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
- VCE = 30 V, - VEB = 3 V
- ICEX
–
–
50 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
- VCE = 30 V, - VEB = 3 V
IEBV
–
–-
50 nA
Gain-Bandwidth Product – Transitfrequenz
- IC = 10 mA, - VCE = 20 V, f = 100 MHz
fT
250 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 5 V, IE = ie = 0, f = 1 MHz
CCBO
–
–
4.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
–
–
10 pf
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 100 µA, RG = 1 kΩ, f = 1 kHz
F
–
–
4 dB
Switching times – Schaltzeiten (between 10% and 90% levels)
delay time
rise time
- VCC = 3 V, - VBE = 0.5 V
- IC = 10 mA, - IB1 = 1mA
td
–
–
35 ns
tr
–
–
35 ns
storage time
fall time
- VCC = 3 V, - IC = 10 mA,
- IB1 = IB2 = 1 mA
ts
–
–
225 ns
tf
–
–
75 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
MMBT3904
Marking - Stempelung
MMBT3906 = 2A
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com