Electronic Components Datasheet Search
  English  ▼

X  

MMBTA42 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBTA42
Description  Surface mount High Voltage Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTA42 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBTA42 Datasheet HTML 1Page - Diotec Semiconductor MMBTA42 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTA42 / MMBTA43
MMBTA42 / MMBTA43
NPN
Surface mount High Voltage Transistors
Hochspannungs-Transistoren für die Oberflächenmontage
NPN
Version 2005-06-21
Dimensions / Maße [mm]
1 = B
2 = E
3 = C
Power dissipation
Verlustleistung
250 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMBTA42
MMBTA43
Collector-Emitter-volt. - Kollektor-Emitter-Spannung
B open
VCEO
300 V
200 V
Collector-Base-voltage - Kollektor-Basis-Spannung
E open
VCBO
300 V
200 V
Emitter-Base-voltage - Emitter-Basis-Spannung
C open
VEBO
6 V
Power dissipation – Verlustleistung
Ptot
250 mW 1)
Collector current – Kollektorstrom (dc)
IC
500 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-65...+150°C
-65…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
IE = 0, VCB = 200 V
IE = 0, VCB = 160 V
MMBTA42
MMBTA43
ICB0
ICB0
–
–
–
–
100 nA
100 nA
Emitter-Base cutoff current – Emitterreststrom
IC = 0, VEB = 6 V
IC = 0, VEB = 4 V
MMBTA42
MMBTA43
IEB0
IEB0
–
–
–
–
100 nA
100 nA
Collector saturation voltage – Kollektor-Sättigungsspannung 2)
IC = 20 mA, IB = 2 mA
VCEsat
–
–
500 mV
Base saturation voltage – Basis-Sättigungsspannung 2)
IC = 20 mA, IB = 2 mA
VBEsat
–
–
900 mV
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92 Datasheet
108Kb / 2P
Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44 Datasheet
112Kb / 2P
Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
logo
Diotec Semiconductor
MMBTA42 DIOTEC-MMBTA42_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44_15 Datasheet
106Kb / 2P
Surface mount High Voltage Transistors
MMBTA92 DIOTEC-MMBTA92_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com