Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBTA55
Description  General Purpose Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTA55 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBTA55 Datasheet HTML 1Page - Diotec Semiconductor MMBTA55 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTA55 ... MMBTA56
MMBTA55 ... MMBTA56
PNP
General Purpose Si-Epitaxial PlanarTransistors
Si-Epitaxial Planar-Transistoren für universellen Einsatz
PNP
Version 2006-08-09
Dimensions - Maße [mm]
1 = B
2 = E
3 = C
Power dissipation – Verlustleistung
250 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMBTA55
MMBTA56
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
- VCEO
60 V
80 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
- VCBO
60 V
80 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
4 V
Power dissipation – Verlustleistung
Ptot
250 mW 1)
Collector current – Kollektorstrom (dc)
- IC
500 mA
Base current – Basisstrom
- IB
100 mA
Peak Base current – Basis-Spitzenstrom
- IBM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
- IC = 10 mA, - VCE = 1 V
- IC = 100 mA, - VCE = 1 V
hFE
hFE
100
100
–
–
–
–
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 2)
- IC = 100 mA, - IB = 10 mA
- VCEsat
––
0.25 V
Base-Emitter voltage – Basis-Emitter-Spannung
- IC = 100 mA, - VCE = 1 V
- VBE
–
–
1.2 V
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


Similar Part No. - MMBTA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA55 FAIRCHILD-MMBTA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA55 DIODES-MMBTA55 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results

Similar Description - MMBTA55

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MPSA05 DIOTEC-MPSA05 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MPSA55 DIOTEC-MPSA55 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
BC556XBK DIOTEC-BC556XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com