Electronic Components Datasheet Search
  English  ▼

X  

SL17 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # SL17
Description  SL17 Submersible Pressure Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

SL17 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  SL17 Datasheet HTML 1Page - Ashcroft, Inc. SL17 Datasheet HTML 2Page - Ashcroft, Inc. SL17 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard
terms and conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. SL17_transmitter_ds_RevB_12-14-22
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
SL17
3
SNC
T
42
010
F
P
10#
XC4
Model
SL17 - Submersible Transmitter
SL17
Accuracy
3 - ±0.25% of span
3
5 - ±0.5% of span (1.5 psi range only)
Nose Fitting
SNC - Standard nose cone
SNC
P5C - Weighted nose cone
Joint Type
T - Threaded
T
W - Welded
Output Signal
42 - 4-20 mA
42
Cable Length (custom length available ex. for 35 feet code as 035)
001 - Meters only
002 - Meters only
005
010
010
015
020
025
030
050
060
075
100
120
150
200
300 - Feet only
400 - Feet only
500 - Feet only
700 - Feet only
Measurement of Cable
F - Feet
F
M - Meters
Cable Type
P - Polyurethane
P
Pressure Range (coding examples only, see range table on page 3 for all standard ranges)
PSI
10# - 0-10 psi
10#
Optional Features (if including an option(s) must include an “X’’)
X _ _
C4 - Traceable calibration certificate
C4
OPTIONAL FEATURES
Calibration Chart:
Traceable calibration certificate (9-point)
Consult factory for:
Custom cable lengths
WETTED COMPONENTS
Enclosure
Cable External Jacket
316L stainless steel
Coated black polyurethane
PHYSICAL SPECIFICATIONS
Weight:
Sensor (120g)
Nose Cones:
standard (13g), weighted (225g)
Labels:
Laser-etched with customer part number
Pressure Connection:
M14 x 1.5
Vent Tube:
0.060˝ ID polyethylene, Semi-rigid PVC with
shield and Kevlar strength member
Cable Internal
Construction:
4-wire 22 AWG conductors
(red, black, green, white)
Cable Pull Strength:
180 lb
Cable Voltage Rating:
300 V
Load Limitation:
4-20mA Output Only
of 3
2
SL17 Submersible Pressure Transmitter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com