Electronic Components Datasheet Search
  English  ▼

X  

HT12D Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT12D
Description  212 Series of Decoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12D Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT12D_02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12D_02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Decoder timing
HT12D/HT12F
Rev. 1.10
4
November 18, 2002
Functional Description
Operation
The 2
12 series of decoders provides various combina-
tions of addresses and data pins in different packages
so as to pair with the 2
12 series of encoders.
The decoders receive data that are transmitted by an
encoder and interpret the first N bits of code period as
addresses and the last 12
-N bits as data, where N is the
address code number. A signal on the DIN pin activates
the oscillator which in turn decodes the incoming ad-
dress and data. The decoders will then check the re-
ceived address three times continuously. If the received
address codes all match the contents of the decoder
¢s
local address, the 12
-N bits of data are decoded to acti-
vate the output pins and the VT pin is set high to indicate
a valid transmission. This will last unless the address
code is incorrect or no signal is received.
The output of the VT pin is high only when the transmis-
sion is valid. Otherwise it is always low.
Output type
Of the 2
12 series of decoders, the HT12F has no data
output pin but its VT pin can be used as a momentary
data output. The HT12D, on the other hand, provides 4
latch type data pins whose data remain unchanged until
new data are received.
Part
No.
Data
Pins
Address
Pins
Output
Type
Operating
Voltage
HT12D
4
8
Latch
2.4V~12V
HT12F
0
12
¾
2.4V~12V
Flowchart
The oscillator is disabled in the standby state and acti-
vated when a logic
²high² signal applies to the DIN pin.
That is to say, the DIN should be kept low if there is no
signal input.
Y e s
C o d e i n ?
S t o r e d a t a
N o
Y e s
N o
N o
N o
Y e s
S t a n d b y m o d e
D i s a b l e V T &
i g n o r e t h e r e s t o f
t h i s w o r d
Y e s
N o
Y e s
A d d r e s s o r
d a t a e r r o r ?
L a t c h d a t a
t o o u t p u t &
a c t i v a t e V T
A d d r e s s b i t s
m a t c h e d ?
M a t c h
p r e v i o u s s t o r e d
d a t a ?
P o w e r o n
3 t i m e s
o f c h e c k i n g
c o m p l e t e d ?
2
c l o c k s
1 4
c h e c k
4 w o r d s
4 w o r d s
E n c o d e r
D O U T
T r a n s m i t t e d
C o n t i n u o u s l y
< 1 w o r d
E n c o d e r
T r a n s m i s s i o n
E n a b l e
c h e c k
D e c o d e r V T
L a t c h e d
D a t a O u t
2
c l o c k s
1 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com