Electronic Components Datasheet Search
  English  ▼

X  

8067409 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8067409
Description  Soft start valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8067409 Datasheet(HTML) 2 Page - Festo Corporation.

  8067409 Datasheet HTML 1Page - Festo Corporation. 8067409 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Standard nominal flow rate exhaust air
3300 l/min
Note on standard nominal flow rate, exhaust air
MPA: 1600 l/min
VTSA: 3300 l/min
Duty cycle
100%
Nominal operating voltage DC
24 V
Coil characteristics
24 V DC: 1.6 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 60 °C
Temperature of medium
-5 °C ... 50 °C
Relative air humidity
Max. 90 % at 40 °C
Degree of protection
IP65
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 50 °C
MTTF, subcomponent
452 years, pressure switch
Product weight
466 g
Electrical actuation
Fieldbus
Electrical connection
Plug-in
Type of mounting
On sub-base
Pneumatic connection 3
G1/2
Note on materials
RoHS-compliant
Seals material
HNBR
NBR
Housing material
Wrought aluminum alloy
Material of screws
Steel, galvanized
1/2/25 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com