Electronic Components Datasheet Search
  English  ▼

X  

MPSA05 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MPSA05
Description  General Purpose Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MPSA05 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MPSA05 Datasheet HTML 1Page - Diotec Semiconductor MPSA05 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPSA05 ... MPSA06
MPSA05 ... MPSA06
NPN
General Purpose Si-Epitaxial PlanarTransistors
Si-Epitaxial Planar-Transistoren für universellen Einsatz
NPN
Version 2006-07-25
Dimensions - Maße [mm]
Power dissipation
Verlustleistung
625 mW
Plastic case
Kunststoffgehäuse
TO-92
(10D3)
Weight approx. – Gewicht ca.
0.18 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MPSA05
MPSA06
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
VCEO
60 V
80 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
VCBO
60 V
80 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
4 V
Power dissipation – Verlustleistung
Ptot
625 mW 1)
Collector current – Kollektorstrom (dc)
IC
500 mA
Peak Collector current – Kollektor-Spitzenstrom
ICM
1 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
IC = 10 mA, VCE = 1 V
IC = 100 mA, VCE = 1 V
hFE
hFE
100
100
–
–
–
–
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 2)
IC = 100 mA, IB = 10 mA
VCEsat
––
0.25 V
Base-Emitter voltage – Basis-Emitter-Spannung 2)
IC = 100 mA, VCE = 1 V
VBE
–
–
1.2 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 60 V, (E open)
VCB = 80 V, (E open)
MPSA05
MPSA06
ICBO
ICBO
–
–
–
–
100 nA
100 nA
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 2.54
E BC


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
MPSA05 FAIRCHILD-MPSA05 Datasheet
50Kb / 4P
NPN General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA05 KEC-MPSA05 Datasheet
58Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MMBTA55 DIOTEC-MMBTA55 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
MPSA55 DIOTEC-MPSA55 Datasheet
107Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
BC556XBK DIOTEC-BC556XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com