Electronic Components Datasheet Search
  English  ▼

X  

HT12A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT12A
Description  212 Series of Encoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT12A_03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT12A_03 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Oscillator Frequency vs. Supply Voltage
The recommended oscillator frequency is fOSCD (decoder)
@ 50 fOSCE (HT12E encoder)
@
1
3
fOSCE (HT12A encoder)
Application Circuits
HT12A/HT12E
Rev. 1.10
9
January 24, 2003
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 . 0 0
2 . 0 0
( 3 k H z ) 3 . 0 0
4 . 0 0
5 . 0 0
6 . 0 0
7 . 0 0
V D D ( V D C )
f O S C
( S c a l e )
2 . 0 M
1 . 5 M
1 . 2 M
1 . 0 M
9 1 0 k
8 2 0 k
7 5 0 k
6 8 0 k
6 2 0 k
5 6 0 k
5 1 0 k
4 7 0 k
R O S C ( W )
4 5 5 K
H T 1 2 A
1 0 M W
1 0 0 p .
1 0 0 p .
8 0 5 0
1 0 0 W
1
2
3
4
5
6
7
8
9
A 0
A 4
A 5
A 6
A 7
V S S
A 1
A 2
A 3
V D D
D O U T
X 1
X 2
L / M B
D 1 1
D 1 0
D 9
D 8
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1 0 k W
V D D
T r a n s m i t t e r C i r c u i t
H T 1 2 E
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
V S S
V D D
D O U T
O S C 1
O S C 2
T E
A D 1 1
A D 1 0
A D 9
A D 8
1
2
3
4
5
6
7
8
9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
R O S C
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com