Electronic Components Datasheet Search
  English  ▼

X  

P1200D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P1200D
Description  Silicon-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P1200D Datasheet(HTML) 1 Page - Diotec Semiconductor

  P1200D Datasheet HTML 1Page - Diotec Semiconductor P1200D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1200A ... P1200G
P1200A ... P1200G
Silicon-Rectifiers
Silizium-Gleichrichter
Version 2006-01-25
Dimensions - Maße [mm]
Nominal Current
Nennstrom
12 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...400 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
P600 Style
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
P1200A
50
50
P1200B
100
100
P1200D
200
200
P1200G
400
400
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
12 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
80 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
400/450 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
800 A2s
Junction temperature – Sperrschichttemperatur
at reduced reverse voltage
bei reduzierter Sperrspannung
VR ≤ 80% VRRM
VR ≤ 20% VRRM
Tj
Tj
-50...+150°C
-50...+200°C
Storage temperature – Lagerungstemperatur
TS
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - P1200D

ManufacturerPart #DatasheetDescription
logo
Semikron International
P1200D SEMIKRON-P1200D Datasheet
203Kb / 2P
Standard silicon rectifier diodes
P1200D SEMIKRON-P1200D Datasheet
215Kb / 2P
Standard silicon rectifier diodes
P1200D SEMIKRON-P1200D Datasheet
443Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
P1200D DIOTEC-P1200D Datasheet
93Kb / 2P
Silicon Rectifier Diodes
More results

Similar Description - P1200D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com