Electronic Components Datasheet Search
  English  ▼

X  

SP7682 Datasheet(PDF) 17 Page - Exar Corporation

Part # SP7682
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682 Datasheet(HTML) 17 Page - Exar Corporation

Back Button SP7682 Datasheet HTML 11Page - Exar Corporation SP7682 Datasheet HTML 12Page - Exar Corporation SP7682 Datasheet HTML 13Page - Exar Corporation SP7682 Datasheet HTML 14Page - Exar Corporation SP7682 Datasheet HTML 15Page - Exar Corporation SP7682 Datasheet HTML 16Page - Exar Corporation SP7682 Datasheet HTML 17Page - Exar Corporation SP7682 Datasheet HTML 18Page - Exar Corporation SP7682 Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 17
Ceramic Capacitor Materials
Capacitors with large output values are typically
composed of X7R, X5R, Z5U, or Y5V dielectric
materials,
but
Z5U
and
Y5V
are
not
recommended since they have a large change in
value
with
temperature.
X5R
and
X7R
capacitors are recommended since they are
relatively low in cost and their output value
changes with temperature are relatively small.
Capacitor Selection
Careful selection of the four external capacitors
CIN, C1, C2, and COUT is important because
they will affect turn-on time, output ripple, and
transient performance. Optimum performance
will be obtained when low equivalent series
resistance (ESR) ceramic capacitors are used.
In general, low ESR may be defined as less than
100mΩ. A value of 4.7μF for the input and 2.2μF
for the output capacitor is sufficient for most
applications. The flying capacitors C1 and C2
can be 1μF for most applications for backlight
and Flash, and for light output currents flying
capacitors of 0.47uF can be used. For
applications when the 4 backlight LED drivers
are drive 20mA or more and the Flash driver is
driven to 100mA or more, it is advisable to use a
4.7μF input capacitor in order to reduce the input
ripple as seen by the battery. If the LED current-
sinks are only programmed for low current
levels, or if the application is not very noise
sensitive, then a 2.2μF input capacitor may be
used. See table 1 for capacitor selection.
Thermal Protection
The SP7682 has a thermal protection circuit that
will shut down the internal LDO and charge
pump if the die temperature rises above the
thermal limit, and will restart when the die
temperature drops about 20
°C below the
thermal limit.
Table 1: SP7682/SP7682A Capacitor Selection
APPLICATIONS INFORMATION
Manufacturers/ Website
Part Number
Capacitance/
Voltage
Capacitor
Size/Type/Thickness
ESR at
100kHz
TDK/www.tdk.com
C1005X5R0J474K
0.47uF/6.3V
0402/X5R/0.55mm
0.05
TDK/www.tdk.com
C1005X5R0J105K
1uF/6.3V
0402/X5R/0.55mm
0.03
TDK/www.tdk.com
C1608X5R0J225K
2.2uF/6.3V
0603/X5R/0.9mm
0.03
TDK/www.tdk.com
C1608X5R0J475K
4.7uF/6.3V
0603/X5R/0.9mm
0.02
Murata/www.murata.com
GRM155R60J474KE19
0.47uF/6.3V
0402/X5R/0.55mm
0.05
Murata/www.murata.com
GRM155R60J105KE19
1uF/6.3V
0402/X5R/0.55mm
0.03
Murata/www.murata.com
GRM185R60J225KE26
2.2uF/6.3V
0603/X5R/0.55mm
0.03
Murata/www.murata.com
GRM188R60J475KE19
4.7uF/6.3V
0603/X5R/0.8mm
0.02
FOOTPRINT: 3x3mm 16 pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com