Electronic Components Datasheet Search
  English  ▼

X  

YAS526C Datasheet(PDF) 5 Page - YAMAHA CORPORATION

Part # YAS526C
Description  MS-2 Magnetic field Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YAS526C Datasheet(HTML) 5 Page - YAMAHA CORPORATION

  YAS526C Datasheet HTML 1Page - YAMAHA CORPORATION YAS526C Datasheet HTML 2Page - YAMAHA CORPORATION YAS526C Datasheet HTML 3Page - YAMAHA CORPORATION YAS526C Datasheet HTML 4Page - YAMAHA CORPORATION YAS526C Datasheet HTML 5Page - YAMAHA CORPORATION YAS526C Datasheet HTML 6Page - YAMAHA CORPORATION YAS526C Datasheet HTML 7Page - YAMAHA CORPORATION YAS526C Datasheet HTML 8Page - YAMAHA CORPORATION YAS526C Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
YAS526C
5
Function Descriptions
Analog Circuit Section
○ Magnetic Sensor
YAS526C includes three Magnetic Sensors.
Only the sensor of an axis to measure at the time of magnetic field measurement is operated.
○ Buffer Amplifier
The buffer amplifier amplifies a signal output from the bridge of magnetic sensor.
The amplifier operates only when magnetic field measurement is made.
○ Temperature Sensor
The temperature sensor is a sensor using band gap and in Z chip.
The sensor operates only when temperature is measured.
○ A/D Converter (ADC)
The integrating A/D converter (ADC) using switched capacitor is mounted on YAS526C.
XY chip and Z chip has one each.
The ADC of XY chip has Magnetic field Rough Offset Measurement and Magnetic field
Normal Measurement modes.
The ADC of Z chip has Temperature Measurement and External Input Measurement modes in
addition to Magnetic field Rough Offset Measurement and Magnetic field Normal
Measurement modes.
The ADC operates only when measurement is performed.
○ Analog External Input A/D
The A/D measures values from analog external input.
Input range is from 0.5 to 2.5V. One count of A/D converter is about 3.0mV.
○ Clock Generator
The clock generator supplies clocks for ADC and digital circuits.
The generator operates only when the measurements is made.
○ Power-on Reset
The Power-on Reset circuit detects a rising of supply voltage for the core and initializes
circuits.
○ Initialization Coil
The coils are used when the magnetic sensor cannot give original characteristics due to
receiving high magnetic field.
Generating magnetic field by the initialization coils initializes the magnetic sensor
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com