Electronic Components Datasheet Search
  English  ▼

X  

PB1004S Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PB1004S
Description  Silicon-Bridge-Rectifiers Silizium-Br-kengleichrichter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PB1004S Datasheet(HTML) 1 Page - Diotec Semiconductor

  PB1004S Datasheet HTML 1Page - Diotec Semiconductor PB1004S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PB1000 ... PB1010, PB1000S ... PB1010S
PB1000 ... PB1010, PB1000S ... PB1010S
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2005-05-09
Type: PB...
Type: PB...S
Dimensions - Maße [mm]
Nominal current – Nennstrom
10 A
Alternating input voltage
Eingangswechselspannung
35...700 V
Type: PB...
19 x 19 x 6.8 [mm]
Plastic case – Kunststoffgehäuse
Weight approx. – Gewicht ca.
5.5 g
Type: PB...S
15.1 x 15.1 x 6.3 [mm]
Plastic case with Al-bottom –
Kunststoffgehäuse mit Alu-Boden
Weight approx. – Gewicht ca.
3.5 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VRRM [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRSM [V] 1)
PB1000 / PB1000S
35
50
PB1001 / PB1001S
70
100
PB1002 / PB1002S
140
200
PB1004 / PB1004S
280
400
PB1006 / PB1006S
420
600
PB1008 / PB1008S
560
800
PB1010 / PB1010S
700
1000
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
50 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
135/150 A 1)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
93 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Per diode – Pro Diode
2
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
19±0.2
Ø 3.9
6.8±0.2
1.2
12.7±0.3
_
Ø 3.6
1.0
6.3
±0.5
10.9±0.5
15.1
±0.2


Similar Part No. - PB1004S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PB1004S DIOTEC-PB1004S Datasheet
309Kb / 2P
Silicon-Bridge Rectifiers
PB1004S DIOTEC-PB1004S Datasheet
289Kb / 2P
Silicon-Bridge-Rectifiers
logo
Won-Top Electronics
PB1004S WTE-PB1004S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1004S DIOTEC-PB1004S Datasheet
337Kb / 2P
Single Phase Bridge Rectifier
PB1004S DIOTEC-PB1004S Datasheet
337Kb / 2P
Single Phase Bridge Rectifier
More results

Similar Description - PB1004S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
PT800A DIOTEC-PT800A Datasheet
112Kb / 2P
Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode
B40D2A DIOTEC-B40D2A Datasheet
115Kb / 2P
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter
P1000A DIOTEC-P1000A_07 Datasheet
62Kb / 2P
Silicon-Rectifiers -Silizium-Gleichrichter
PCT1600A DIOTEC-PCT1600A Datasheet
118Kb / 2P
Silicon Rectifiers - Common Cathode Silizium-Gleichrichter - Gemeinsame Kathode
BY206 DIOTEC-BY206 Datasheet
131Kb / 2P
Fast Silicon Rectifiers / Schnelle Silizium Gleichrichter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com