Electronic Components Datasheet Search
  English  ▼

X  

YDA142 Datasheet(PDF) 1 Page - YAMAHA CORPORATION

Part # YDA142
Description  D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA142 Datasheet(HTML) 1 Page - YAMAHA CORPORATION

  YDA142 Datasheet HTML 1Page - YAMAHA CORPORATION YDA142 Datasheet HTML 2Page - YAMAHA CORPORATION YDA142 Datasheet HTML 3Page - YAMAHA CORPORATION YDA142 Datasheet HTML 4Page - YAMAHA CORPORATION YDA142 Datasheet HTML 5Page - YAMAHA CORPORATION YDA142 Datasheet HTML 6Page - YAMAHA CORPORATION YDA142 Datasheet HTML 7Page - YAMAHA CORPORATION YDA142 Datasheet HTML 8Page - YAMAHA CORPORATION YDA142 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
YDA142 CATALOG
CATALOG No.:LSI-4DA142A20
2006.4
YDA142
D-3D
DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
■
Overview
YDA142 (D-3D) is a 12V single supply voltage, high-efficiency digital audio power amplifier IC.
An audio power amplifier with a maximum output of 9.5W (RL=8Ω) × 2ch or 19W (RL=4Ω) × 1ch can be configured with
one chip.
YDA142 has a “Pure Pulse Direct Speaker Drive Circuit” that directly drives speakers while reducing distortion of a pulse
output signal and reducing noise on a signal, and it realizes the highest standard low distortion rate characteristics and low
noise characteristics as compared with those of digital amplifier ICs in the same class. The circuit allows you to design a
circuit with as few external parts as possible depending on use conditions because any filter is no longer required.
It is possible to input a left-justified or right-justified 16bit/8bit digital audio signal of 32kHz, 44.1kHz, or 48kHz.
In addition, YDA142 has a gain setting function in 32-level (analog setting) or 8-level (terminal setting).
YDA142 has Over-current Protection function for speaker output terminals, IC Thermal Protection function, POP Noise
Reduction function, and DC Input Detection function as well as Power-down function and Output Disable function.
■
Features
・
Maximum Output
9.5 W×2ch (VDDP=12.0V, RL=8Ω, THD+N=10%, MONO=L, GAIN[2:0]=H,L,L)
19 W×1ch (VDDP=12.0V, RL=4Ω, THD+N=10%, MONO=H, GAIN[2:0]=H,L,L)
・
Efficiency
90 % (VDDP=12.0V, RL=8Ω, Po=9.5W)
・
Distortion Rate (THD+N)
0.05 % (VDDP=12.0V, RL=8Ω, Po=1.0W, GAIN[2:0]=H,L,L)
・
S/N Ratio
100dB (VDDP=12.0V, RL=8Ω, Po=9.5W, GAIN[2:0]=H,L,L)
・
Channel Separation Ratio
-78dB (VDDP=12.0V)
・
Supply voltage Range
9.0V to 13.5V
・
3-wire Digital Signal Input
Fs: 32kHz/44.1kHz or 48kHz, Bits: 16bit or 18bit
・
Gain Setting Function with GAIN[2:0] and GAINA terminal
・
Power-down Function with SLEEPN terminal
・
Output Mute Function with MUTEN terminal
・
Monaural Output Function with MONO terminal
・
Protection Functions (Over-current Protection, Thermal Protection, Clock Stop protection, Under-voltage Malfunction
Prevention, DC Input Detection)
・
Pop-noise Reduction Function
・
Digital Input/BTL(Bridge-Tied Load) output
・
Package
Lead-free 52-pin SSOP (YDA142-EZ)


Similar Part No. - YDA142

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
YDA144 YAMAHA-YDA144 Datasheet
1Mb / 26P
STEREO 2.1W Non-Clip DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - YDA142

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA143 YAMAHA-YDA143 Datasheet
1Mb / 22P
D- 3M STEREO 15W DIGITAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
20W Stereo Digital Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2111 ISSI-IS31AP2111 Datasheet
1Mb / 31P
2횞20W STEREO DIGITAL AUDIO AMPLIFIER
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
Digital Input Audio Power Amplifier
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com