Electronic Components Datasheet Search
  English  ▼

X  

HT600 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT600
Description  318 Series of Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT600 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT600_03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT600_03 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
The address pins are usually preset to transmit data codes with particular security codes by the DIP switches or PCB
wiring, while the data is selected using push buttons or electronic switches.
The following figure shows an application using the HT680:
The transmitted information is as shown:
Pilot
&
Sync.
A0
0
A1
Z
A2
0
A3
1
A4
Z
A5
Z
A6
1
A7
Z
A8
0
A9
0
AD10
Z
AD11
Z
¾
AD12
Z
AD13
Z
AD14
Z
AD15
1
AD16
Z
AD17
Z
Z: floating
Address/Data Sequence
The following provides a table of address/data sequence for various models of the 3
18 series encoders.
Part No.
Address/Data Bits
0~3
4
5
6~9
10
11
12
13
14
15
16
17
HT600
A0~A3
A4
¾
A6~A9
¾
AD11
AD12
AD13
AD14
AD15
¾¾
HT680
A0~A3
¾¾
A6~A9
¾
AD11
AD12
¾
AD14
AD15
¾¾
HT6207
A0~A3
A4
¾
A6~A9
¾
A11
D12
D13
D14
D15
Note:
²¾² is a dummy code which is left ²open² and not bonded out.
²² is a dummy code which is set low and not bonded out.
Transmission Enable
For the TE trigger type of encoders, transmission is enabled by applying a high signal to the TE pin. But for the Data
trigger type of encoders, it is enabled by applying a high signal to one of the data pins D12~D15.
HT600/HT680/HT6207
Rev. 1.10
6
January 24, 2003
V S S A 0
A 1
A 2
A 3
A 6
A 7
A 8
A 9
V D D T E A D 1 1 A D 1 2 A D 1 4 A D 1 5
O S C 1
O S C 2
D O U T
T r a n s m i s s i o n
m e d i u m
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com