Electronic Components Datasheet Search
  English  ▼

X  

HT6207 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6207
Description  318 Series of Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6207 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6207 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Functional Description
Operation
The 3
18 series of encoders begins a three-word transmission cycle upon receipt of a transmission enable (TE for the
HT600/HT680 or D12~D15 for the HT6207, active high). This cycle will repeat itself as long as the transmission enable
(TE or D12~D15) is held high. Once the transmission enable falls low, the encoder output completes its final cycle and
then stops as shown below.
Information Word
An information word consists of four periods as shown:
Address/Data Waveform
Each programmable address/data pin can be externally set to one of the following three logic states:
The
²Open² state data input is interpreted as logic low by the decoders since the decoder output only have two states.
Address/Data Programming (Preset)
The status of each address/data pin can be individually preset to logic
²high², ²low²,or ²floating². If a transmission en-
able signal is applied, the encoder scans and transmits the status of the 18 bits of address/data serially in the order A0
to AD17 for the HT600/HT680 and A0 to D15 for the HT6207.
There are some packaging limitations. For example t he 18-pin DIP HT680, offers four external data bits and eight ex-
ternal address bits. The remaining unpackaged bits or dummy codes are treated as floating for A0~AD17 or as pull-low
for D12~D15. During an information transmission these bits are still located in their original position. But if the trigger
signal is not applied, the chip only consumes a standby current which is less than 1
mA.
HT600/HT680/HT6207
Rev. 1.10
5
January 24, 2003
3 w o r d s
3 w o r d s
E n c o d e r
D a t a O u t
T r a n s m i t t e d
C o n t i n u o u s l y
< 1 w o r d
T E o r
D 1 2 ~ D 1 5
Transmission timing
P i l o t p e r i o d
( 6 b i t s )
A d d r e s s c o d e p e r i o d
D a t a c o d e p e r i o d
1 / 6 b i t
S y n c . p e r i o d
Composition of information
" O n e "
" Z e r o "
" O p e n "
A d d r e s s / D a t a B i t
f o s c ¸ 3 3
Address/Data bit waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com