Electronic Components Datasheet Search
  English  ▼

X  

HT13R90 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT13R90
Description  40-Bit Programmable Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT13R90 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT13R90 Datasheet HTML 6Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 7Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 8Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 9Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 10Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 11Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 12Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 13Page - Holtek Semiconductor Inc HT13R90 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HT13R90
Rev. 1.10
10
July 10, 2007
LED2 Complementary Function
The LED2 output condition can be the same as the
LED1 output, but can also be setup to be the comple-
ment of the LED1 output. There is a configuration option
named L2CMP related to this setting.
If L2CMP is set to zero, the LED2 output will be the
same as the LED1 output. By utilising the other options
which have either an L2 or L1 header, both LED2 and
LED1 can be individually controlled.
If L2CMP is set to one, the LED2 output will be the com-
plement of the LED1 output. In this situation, only
L2ACT and L2OUT will have an effect on the LED2 out-
put. All other options with an L2 header will be ignored.
In the complement situation, when the LED2 output is in
its active state, then it will output the complementary
waveform. If LED2 is in its inactive state, then it will keep
its inactive state depending upon the L2ACT setting and
the condition of the LED1 waveform.
LED2 Complementary Timing Diagram for OMOD = 0,0
R E S E T
R u n n i n g S t a t e
A c t i v e
I n a c t i v e
K e e p I n a c t i v e
K e e p I n a c t i v e
.
C o m p l e m e n t a r y t o L E D 1
L E D 1
( L 1 O U T = 0 1 , L 1 A C T = 1 )
L E D 0 ( O A C T = 1 )
L E D 1 ( O A C T = 0 )
L E D 2 ( L 2 C M P = 0 )
( L 2 O U T = 1 0 , L 2 A C T = 1 )
L E D 2 ( L 2 C M P = 1 )
( L 2 O U T = 1 0 , L 2 A C T = 1 )
L E D 2 ( L 2 C M P = 0 )
( L 2 O U T = 1 1 , L 2 A C T = 1 )
L E D 2 ( L 2 C M P = 1 )
( L 2 O U T = 1 1 , L 2 A C T = 1 )
C o m p l .
t o L E D 1
C o m p l .
t o L E D 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com