Electronic Components Datasheet Search
  English  ▼

X  

BU931Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU931Z
Description  NPN POWER DARLINGTON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU931Z Datasheet(HTML) 2 Page - Unisonic Technologies

  BU931Z Datasheet HTML 1Page - Unisonic Technologies BU931Z Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BU931Z
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R214-015,A
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
BVCEO
350
V
Emitter-Base Voltage
BVEBO
5
V
Collector Current (DC)
IC
10
A
Collector Peak Current
ICM
15
A
Base Current
IB
1
A
Base Peak Current
IBM
5
A
Total Dissipation (Tc = 25 ℃)
PD
125
W
Junction Temperature
TJ
+175
℃
Storage Temperature
TSTG
-65 ~ +175
℃
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cut-off Current
ICEO
VCE = 300 V
100
µA
Emitter Cut-off Current
IEBO
VEB = 5 V
20
mA
VCL
IC = 100mA
350
500
V
VCE(SAT)1 IC = 7 A, IB = 70 mA
1.6
V
Collector-Emitter Saturation Voltage
VCE(SAT)2 IC = 8 A, IB = 100 mA
1.8
V
VBE(SAT)1 IC = 7 A, IB = 70 mA
2.2
V
Base-Emitter Saturation Voltage
VBE(SAT)2 IC = 8 A, IB = 100 mA
2.4
V
DC Current Gain
hFE
VCE = 10 V, IC = 5 A
300
Diode Forward Voltage
VF
IF = 8 A
2.5
V
tS
15
µs
Inductive Load Storage Time / Fall Time
tF
VCC = 12 V, Vclamp = 300 V
L = 7 mH
IC = 7 A, IB = 70 mA
VBE = 0, RBE = 47Ω
0.5
µs
Note: 1. Wafer area should be than 50%
2.The quantity of cracked wafers should be less than 10% per shipment.
3.Auerage yield should be more than 50% per wafer, 80% per shipment.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com