Electronic Components Datasheet Search
  English  ▼

X  

F6509 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # F6509
Description  F5509, F6509 Differential Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

F6509 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  F6509 Datasheet HTML 1Page - Ashcroft, Inc. F6509 Datasheet HTML 2Page - Ashcroft, Inc. F6509 Datasheet HTML 3Page - Ashcroft, Inc. F6509 Datasheet HTML 4Page - Ashcroft, Inc. F6509 Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
of 5
2
F5509, F6509 Differential Pressure Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. F5509_gauge_ds_RevC_11-11-22
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
10
F5509
S
D
27
L
10IW
–XC4
Dial Size
10 - 100 mm (4˝)
10
16 - 160 mm (6˝)
Model
F5509 - 316L Stainless steel open front case
F5509
F6509 - 316L Stainless steel solid front case
Housing Material
S - 316 Stainless steel
S
Case Fill
D - Dry
D
L - Glycerin fill
Process Connection Size
02 - 1/4 NPT Male
04 - 1/2 NPT Male
13 - G 1/4 B Male
15 - G 1/2 B Male
16 - M20X1.5 Male
25 - 1/4 NPT Female
27 - G 1/4 B Female
50 - 1/2 NPT Female
51 - G 1/2 B Female
Process Connection Location
L - Lower
L
Range (coding examples only, see range tables on page 3 for all standard ranges)
10IW - 10 in. H
2O
10IW
Options (If choosing an option(s) must include an “X”)
–X _ _
AN - Class 1 with ±1% of span
CS - Combination range/Dual scale
DA - Dial marking
EP - Maximum pointer adjustable and polycarbonate window
EQ - Miniumum pointer adjustable and polycarbonate window
FW - Wall mounting bracket
GT - Napvis fill (used with magnetic spring contacts only)
GV - Silicone fill
HY - Hydrostatic pressure test
ML - Mass spectrometer leak test
MQ - Positive material identification (PMI)
NH - Stainless steel wired tag
NN - Paper tag bonded to case
ON - Without Ashcroft logo, neutral
PD - Polycarbonate window
TM - Pipe mounting bracket
C3 - Certificate arccording EN 10204 3.1
C4 - Traceable calibration certificate
C4
6B - Oxygen service
6W - Cleaned for oxidizing processes other than oxygen



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com