Electronic Components Datasheet Search
  English  ▼

X  

SC802A Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SC802A
Description  SPECIFICATION OF SC802A
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802A Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SC802A Datasheet HTML 9Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 10Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 11Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 12Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 13Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 14Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 15Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 16Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
SC802A
VER2.1
Akihabara Inc. www.akiba-tech.com
Page 17 of 17
Power on
4bits interface
Waite time > 15ms after VDD>4.5V
RS
R/W
D7
D6
D5
D4
0
0
0
0
1
1
Wait time > 4.1ms
RS
R/W
D7
D6
D5
D4
0
0
0
0
1
1
Wait time > 100us
RS
R/W
D7
D6
D5
D4
0
0
0
0
1
0
0
0
0
0
1
0
0
0
N
F
X
X
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
I/D
S
Initialization end
BF cannot be checked before this instruction
Function set (interface is 8 bits length).
BF cannot be checked before this instruction
Function set (interface is 8 bits length).
RS
R/W
D7
D6
D5
D4
0
0
0
0
1
1
BF cannot be checked before this instruction
Function set (interface is 8 bits length).
BF cannot be checked after the following
Instructions
Function set (set interface to be 4 bits length)
Interface 8 bits length
Function set (interface is 8 bits length. specify
The number of display lines and character
Font.) The number of display lines and
character cannot be changed afterwards.
Display off
Display clear
Entry mode set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com