Electronic Components Datasheet Search
  English  ▼

X  

HT45R38 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT45R38
Description  C/R to F Type 8-Bit OTP MCU
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R38 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT45R38 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
HT45R38
C/R to F Type 8-Bit OTP MCU
Rev. 1.00
1
December 13, 2006
General Description
The HT45R38 is an 8-bit high performance, RISC archi-
tecture microcontroller device specifically designed for
cost-effective multiple I/O control product applications.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, Power Down and
wake-up functions, Watchdog Timer, enhance the ver-
satility of these devices to suit a wide range of applica-
tion possibilities such as industrial control, consumer
products, subsystem controllers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 29 bidirectional I/O lines
· Two external interrupt inputs shared with I/O lines
· Single 8-bit programmable timer/event counter with
overflow interrupt and 7-stage prescaler
· One 8-bit programmable timer/event counter with
overflow interrupt
· 5 channels 12-bit resolution A/D converter
· 2-channels 8-bit PWM output shared with 2 I/O lines
· One OPA
· External RC oscillation converter
· On-chip crystal and RC oscillator
· Watchdog Timer
· 12 capacitor/resistor sensor input
· 4096´15 program memory
· 192´8 data memory RAM
· Power Down and Wake-up function reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· All instructions executed in one or two machine cy-
cles
· 15-bit table read instruction
· Six-level subroutine nesting
· Bit manipulation instruction
· 63 powerful instructions
· Low voltage reset function
· 52-pin QFP package
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT45R38

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
C/R to F Type 8-Bit OTP MCU
October 15, 2007
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
C/R to F Type 8-Bit OTP MCU
January 29, 2010
HT45R35 HOLTEK-HT45R35 Datasheet
383Kb / 59P
C/R to F Type 8-Bit OTP MCU
HT45R35V HOLTEK-HT45R35V Datasheet
301Kb / 42P
C/R to F Type 8-Bit OTP MCU
March 19, 2009
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
C/R to F Type 8-Bit OTP MCU
More results

Similar Description - HT45R38

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
R-F Type 8-Bit MCU
June 14, 2005
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
C/R to F Type 8-Bit OTP MCU
September 28, 2006
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
C/R to F Type 8-Bit OTP MCU
October 15, 2007
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
June 25, 2009
HT45R35V HOLTEK-HT45R35V Datasheet
301Kb / 42P
C/R to F Type 8-Bit OTP MCU
March 19, 2009
HT45R37V HOLTEK-HT45R37V Datasheet
619Kb / 90P
TinyPower C/R-F Type 8-Bit OTP MCU
October 20, 2009
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
C/R to F Type 8-Bit OTP MCU
January 29, 2010
HT45R37 HOLTEK-HT45R37_10 Datasheet
623Kb / 100P
TinyPower C/R-F Type 8-Bit OTP MCU
January 29, 2010
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
C/R to F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com