Electronic Components Datasheet Search
  English  ▼

X  

HT46R51A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R51A
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R51A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R51A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R51A Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
HT46R51A/HT46R52A
Rev. 1.10
13
September 20, 2007
Register
Reset(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
PBC
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
PD
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PDC
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PWM
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRL
xxxx ----
xxxx ----
xxxx ----
xxxx ----
uuuu ----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
---- --00
---- --00
---- --00
---- --00
---- --uu
Note:
²*² stands for ²warm reset²
²u² stands for ²unchanged²
²x² stands for ²unknown²
Timer/Event Counter
Only one timer/event counter (TMR) are implemented in
the microcontroller. The timer/event counter contains an
8-bit programmable count-up counter and the clock may
come from an external source or an internal clock
source. An internal clock source comes from fSYS. The
external clock input allows the user to count external
events, measure time intervals or pulse widths, or to
generate an accurate time base.
There are two registers related to the Timer/event coun-
ter; TMR (0DH), TMRC (0EH). Writing TMR will transfer
the specified data to timer/event counter registers.
Reading the TMR will read the contents of the
timer/event counter. The TMRC is a control register,
which defines the operating mode, counting enable or
disable and an active edge.
The TM0 and TM1 bits define the operation mode. The
event count mode is used to count external events,
which means that the clock source is from an external
(TMR) pin. The timer mode functions as a normal timer
with the clock source coming from the internal selected
clock source. Finally, the pulse width measurement
mode can be used to count the high or low level duration
of the external signal (TMR), and the counting is based
on the internal selected clock source.
In the event count or timer mode, the timer/event coun-
ter starts counting at the current contents in the
timer/event counter and ends at
. Once an overflow
occurs, the counter is reloaded from the timer/event
counter preload register, and generates an interrupt re-
quest flag (TF; bit 5 of the INTC ). In the pulse width
measurement mode with the values of the TON and TE
bits equal to 1, after the TMR has received a transient
from low to high (or high to low if the TE bit is
²0²), it will
start counting until the TMR returns to the original level
and resets the TON. The measured result remains in the
timer/event counter even if the activated transient oc-
curs again. In other words, only 1-cycle measurement
can be made until the TON is set. The cycle measure-
ment will re-operate as long as it receives further tran-
sient pulse. In this operation mode, the timer/event
counter begins counting not according to the logic level
but to the transient edges. In the case of counter over-
flows, the counter is reloaded from the timer/event coun-
ter register and issues an interrupt request, as in the
other two modes, i.e., event and timer modes.
To enable the counting operation, the Timer ON bit
(TON; bit 4 of the TMRC) should be set to
²1².Inthe
pulse width measurement mode, the TON is automati-
cally cleared after the measurement cycle is completed.
But in the other two modes, the TON can only be reset
by instructions. The overflow of the timer/event counter
is one of the wake-up sources and can also be applied
to a PFD (Programmable Frequency Divider) output at
PA3 by options. No matter what the operation mode is,
writing a
²0² to ETI (bit2 of the INTC) disables the re-
lated interrupt service. When the PFD function is se-
lected, executing
²SET [PA].3² instruction to enable the
PFD output and executing
²CLR [PA].3² instruction to
disable the PFD output.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register also re-
loads that data to the timer/event counter. But if the
timer/event counter is turn on, data written to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com