Electronic Components Datasheet Search
  English  ▼

X  

SN761633RTAR Datasheet(PDF) 16 Page - Texas Instruments

Part # SN761633RTAR
Description  FM STEREO RADIO WITH TRANSMITTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761633RTAR Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN761633RTAR Datasheet HTML 12Page - Texas Instruments SN761633RTAR Datasheet HTML 13Page - Texas Instruments SN761633RTAR Datasheet HTML 14Page - Texas Instruments SN761633RTAR Datasheet HTML 15Page - Texas Instruments SN761633RTAR Datasheet HTML 16Page - Texas Instruments SN761633RTAR Datasheet HTML 17Page - Texas Instruments SN761633RTAR Datasheet HTML 18Page - Texas Instruments SN761633RTAR Datasheet HTML 19Page - Texas Instruments SN761633RTAR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.ti.com
SN761633
FM STEREO RADIO
WITH TRANSMITTER
SLES210 – OCTOBER 2007
Table 6. Tx-Mode Write Data Symbol Description (Address Bit 2, 1 = 1,1) (continued)
SYMBOL
DESCRIPTION
DEFAULT
AFADJ2,
AF-level adjust bits
AFADJ2
AFADJ0
AFADJ1
Level
0,
AFADJ1,
1,
0
0
0
–9 dB
AFADJ0
1
0
0
1
–6 dB
0
1
0
–3 dB
0
1
1
0 dB
1
0
0
3 dB
1
0
1
6 dB
1
1
0
9 dB
1
1
1
12 dB
CP1,
CP current selection bit 1,
CP1
CP0
CP Current
1,
CP0
CP current selection bit 0
0
0
0
0.6
μA
0
1
1.25
μA
1
0
2.5
μA
1
1
5
μA
Table 7. Rx-Mode Read Data Symbol Description (Address Bit 2, 1 = 0,0)
SYMBOL
DESCRIPTION
READY
Ready flag
0: PLL unlocked or search operation
1: Normal operation
BAND_LMT
Band limit flag at end of search operation
0: Not reached band limit (found station)
1: Reached band limit (not found station)
(reset to 0 when I2C date write)
N13–N0
Programmable counter bits
Setting of counter after search
ST_IND
Stereo indicator bit
0: Mono reception
1: Stereo reception
IFC6–0
IF counter result bits
IF counter result (0 to 127 dec)
Step frequency = (64
× 32.768 k)/400 = 5.24288 k (Hz)
RSSI3–0
RSSI level bits
RSSI level (0 to 15 dec)
LOCKDET
Lock detect flag
0: Unlocked
1: Locked
Table 8. Tx-Mode Read Data Symbol Description (Address Bit 2, 1 = 1,1)
SYMBOL
DESCRIPTION
N13–N0
Programmable counter bits
Setting of main counter
ST_IND
Stereo indicator bit
0: Stereo modulation
1: Other status
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): SN761633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com