Electronic Components Datasheet Search
  English  ▼

X  

VN808SR Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN808SR
Description  Octal channel high side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808SR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN808SR Datasheet HTML 2Page - STMicroelectronics VN808SR Datasheet HTML 3Page - STMicroelectronics VN808SR Datasheet HTML 4Page - STMicroelectronics VN808SR Datasheet HTML 5Page - STMicroelectronics VN808SR Datasheet HTML 6Page - STMicroelectronics VN808SR Datasheet HTML 7Page - STMicroelectronics VN808SR Datasheet HTML 8Page - STMicroelectronics VN808SR Datasheet HTML 9Page - STMicroelectronics VN808SR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pin connections
VN808SR
6/16
3
Pin connections
Figure 2.
Connection diagram (top view)
Table 8.
Pin functions
Pin N
°
Symbol
Function
TAB
VCC
Positive power supply voltage
1VCC
Positive power supply voltage
2,3,4,5
NC
Not connected
6
Input 1
Input of channel 1
7
Input 2
Input of channel 2
8
Input 3
Input of channel 3
9
Input 4
Input of channel 4
10
Input 5
Input of channel 5
11
Input 6
Input of channel 6
12
Input 7
Input of channel 7
13
Input 8
Input of channel 8
14,15,16,17,18
NC
Not connected
19
GND
Logic ground
20
STATUS
Common open source diagnostic for over-temperature
21,22
Output 8
High-Side output of channel 8
23,24
Output 7
High-Side output of channel 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com