Electronic Components Datasheet Search
  English  ▼

X  

AT9933DB1 Datasheet(PDF) 5 Page - Supertex, Inc

Part # AT9933DB1
Description  High Bright LED Driver IC Meeting Automotive Requirements
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933DB1 Datasheet(HTML) 5 Page - Supertex, Inc

  AT9933DB1 Datasheet HTML 1Page - Supertex, Inc AT9933DB1 Datasheet HTML 2Page - Supertex, Inc AT9933DB1 Datasheet HTML 3Page - Supertex, Inc AT9933DB1 Datasheet HTML 4Page - Supertex, Inc AT9933DB1 Datasheet HTML 5Page - Supertex, Inc AT9933DB1 Datasheet HTML 6Page - Supertex, Inc AT9933DB1 Datasheet HTML 7Page - Supertex, Inc AT9933DB1 Datasheet HTML 8Page - Supertex, Inc AT9933DB1 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
AT9933DB1
Fig. 6. LED current during step changes in the input voltage
Channel 1(blue): Input Voltage (10V/div)
Channel 4 (green): LED current (100mA/div)
(a): Open LED Condition
(b): Output Short Circuit
Fig. 7. HV9930DB1 during output fault conditions
FET drain Voltage (20V/div) (Channel 1 in (a); Channel 2 in (b)
Channel 4 (green): LED current
Short Circuit
(a)
(b)
(c)
Fig. 8. PWM Dimming at 100Hz
Channel 1 (blue): PWM Dimming Input Signal (2V/div)
Channel 4 (Green): LED current (100mA/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com