Electronic Components Datasheet Search
  English  ▼

X  

DN2535 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN2535
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2535 Datasheet(HTML) 1 Page - Supertex, Inc

  DN2535 Datasheet HTML 1Page - Supertex, Inc DN2535 Datasheet HTML 2Page - Supertex, Inc DN2535 Datasheet HTML 3Page - Supertex, Inc DN2535 Datasheet HTML 4Page - Supertex, Inc DN2535 Datasheet HTML 5Page - Supertex, Inc DN2535 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DN2535
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
DN2535N5
LLLLLLLLL
YYWW
Features
High input impedance
Low input capacitance
Fast switching speeds
Low on resistance
Free from secondary breakdown
Low input and output leakage
Applications
Normally-on switches
Solid state relays
Converters
Linear amplifiers
Constant current sources
Power supply circuits
Telecom
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex DN2535 is a low threshold depletion mode
(normally-on)
transistor
utilizing
an
advanced
vertical
DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces a device
with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all
MOS structures, this device is free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
N-Channel Depletion-Mode
Vertical DMOS FETs
Ordering Information
Device
Package Options
BV
DSX/BVDGX
(V)
R
DS(ON)
max
(Ω)
I
DSS
min
(mA)
TO-92
TO-220
DN2535
DN2535N3-G
DN2535N5-G
350
25
150
-G indicates package is RoHS compliant (‘Green’)
(1) Same as SOT-89.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSX
Drain-to-gate voltage
BV
DGX
Gate-to-source voltage
±20V
Operating and storage
temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
*Distance of 1.6mm from case for 10 seconds.
Pin Configurations
Product Marking
3-Lead TO-220 (N5)
3-Lead TO-92 (N3)
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
DN
2535
YYWW
3-Lead TO-220 (N5)
3-Lead TO-92 (N3)
GATE
SOURCE
DRAIN
GATE
SOURCE
DRAIN
DRAIN


Similar Part No. - DN2535

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535N3 SUTEX-DN2535N3 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535N3-G SUTEX-DN2535N3-G Datasheet
785Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535N3-GP002 SUTEX-DN2535N3-GP002 Datasheet
785Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535N3-GP003 SUTEX-DN2535N3-GP003 Datasheet
785Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
More results

Similar Description - DN2535

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2530 SUTEX-DN2530 Datasheet
87Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com