Electronic Components Datasheet Search
  English  ▼

X  

DN2540 Datasheet(PDF) 3 Page - Supertex, Inc

Part # DN2540
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2540 Datasheet(HTML) 3 Page - Supertex, Inc

  DN2540 Datasheet HTML 1Page - Supertex, Inc DN2540 Datasheet HTML 2Page - Supertex, Inc DN2540 Datasheet HTML 3Page - Supertex, Inc DN2540 Datasheet HTML 4Page - Supertex, Inc DN2540 Datasheet HTML 5Page - Supertex, Inc DN2540 Datasheet HTML 6Page - Supertex, Inc DN2540 Datasheet HTML 7Page - Supertex, Inc DN2540 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DN2540
Sym
Parameter
Min
Typ
Max
Units
Conditions
t
d(ON)
Turn-ON delay time
-
-
10
ns
V
DD = 25V,
I
D = 150mA,
R
GEN = 25Ω,
t
r
Rise time
-
-
15
t
d(OFF)
Turn-OFF delay time
-
-
15
t
f
Fall time
-
-
20
V
SD
Diode forward voltage drop
-
-
1.8
V
V
GS = -10V, ISD = 120mA
t
rr
Reverse recovery time
-
800
-
ns
V
GS = -10V, ISD = 1.0A
Notes:
1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
RGEN
0V
-10V
Switching Waveforms and Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com