Electronic Components Datasheet Search
  English  ▼

X  

DN3535 Datasheet(PDF) 3 Page - Supertex, Inc

Part # DN3535
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3535 Datasheet(HTML) 3 Page - Supertex, Inc

  DN3535 Datasheet HTML 1Page - Supertex, Inc DN3535 Datasheet HTML 2Page - Supertex, Inc DN3535 Datasheet HTML 3Page - Supertex, Inc DN3535 Datasheet HTML 4Page - Supertex, Inc DN3535 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
DN3535
Typical Performance Curves
0
50
100
150
200
250
300
350
0.0
0.2
0.4
0.6
0.8
1.0
VGS = +2.0V
-0.5V
-0.8V
-1.0V
-1.5V
-2V
0V
02468
10
0.0
0.2
0.4
0.6
0.8
1.0
VGS = +2V
0V
-0.5V
-0.8V
-1V
-1.5V
-2V
0.0
0.2
0.4
0.6
0.8
0.0
0.2
0.4
0.6
0.8
1.0
T
A = -55°C
T
A = 25°C
T
A = 125°C
V
DS
= 10V
VDS (Volts)
Output Characteristics
Saturation Characteristics
VDS (Volts)
ID (Amperes)
Transconductance vs. Drain Current
Power Dissipation vs. Case Temperature
TC (°C)
Maximum Rated Safe Operating Area
VDS (Volts)
Thermal Response Characteristics
tp (seconds)
0
255075
100
125
150
0.0
0.5
1.0
1.5
2.0
1
1000
100
10
10
1.0
0.1
0.01
0.001
TO-243AA (DC)
TO-243AA (pulsed)
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1.0
TO-243AA
PD = 1.6W
TC = 25°C
0
TO-243AA
T
A =25 ° C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com