Electronic Components Datasheet Search
  English  ▼

X  

HV101 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV101
Description  3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV101 Datasheet(HTML) 2 Page - Supertex, Inc

  HV101 Datasheet HTML 1Page - Supertex, Inc HV101 Datasheet HTML 2Page - Supertex, Inc HV101 Datasheet HTML 3Page - Supertex, Inc HV101 Datasheet HTML 4Page - Supertex, Inc HV101 Datasheet HTML 5Page - Supertex, Inc HV101 Datasheet HTML 6Page - Supertex, Inc HV101 Datasheet HTML 7Page - Supertex, Inc HV101 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV100/HV101
Absolute Maximum Ratings
DC Electrical Characteristics (V
H = VDD = 12V, VL = VSS = GND = 0V, VOE = 3.3V, TJ = 25°C)
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
Supply (Referenced to V
PP pin)
V
NN
Supply Voltage
-72
-
UV
V
---
I
NN
Supply Current
-
0.6
1.0
mA
V
NN = -48.0V
UV Control (Referenced to V
NN pin)
V
UVL
UV Threashold (High to Low)
30
34
38
V
HV100
12.3
14
15.7
V
HV101
V
UVH
UV Hysteresis
-
3
-
V
HV100
-
1
-
V
HV101
Gate Drive Output (Referenced to V
NN pin)
V
GATE
Maximum Gate Drive Voltage
10
12
14
V
---
SR
GATE
Initial Slew Rate
1.5
-
3.75
V/ms
C
GATE = 1nF
I
GATEDOWN
Gate Drive Pull-Down Current
(Sinking)
8
16
-
mA
V
GATE = 1.0V; VPP = 11.5V
I
PULLUP
Post Hot Swap Pull-Up Current
6
11
-
μA
V
GATE = 6.0V
Pin Configuration
Parameter
Value
V
PP Input Voltage
-0.3V - 75.0V
Operating Ambient Temperature Range
-40oC to +85oC
Operating Junction Temperature Range
-40oC to +125oC
Storage Temperature Range
-65oC to +150oC
Pin Description
Pin
Function
V
PP
Positive voltage power supply to the circuit.
V
NN
Negative voltage power supply to the circuit.
GATE
Gate driver output for the external n-Channel
MOSFET
UV Options
Package Options
3-Pin SOT-223
34V
HV100K5
HV100K5-G
14V
HV101K5
HV101K5-G
Ordering Information
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
123
VNN
GATE
VPP
3-Lead SOT-223
(Top View)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com