Electronic Components Datasheet Search
  English  ▼

X  

MIC68400YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC68400YML
Description  4A Sequencing LDO with Tracking and Ramp Control?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68400YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC68400YML Datasheet HTML 7Page - Micrel Semiconductor MIC68400YML Datasheet HTML 8Page - Micrel Semiconductor MIC68400YML Datasheet HTML 9Page - Micrel Semiconductor MIC68400YML Datasheet HTML 10Page - Micrel Semiconductor MIC68400YML Datasheet HTML 11Page - Micrel Semiconductor MIC68400YML Datasheet HTML 12Page - Micrel Semiconductor MIC68400YML Datasheet HTML 13Page - Micrel Semiconductor MIC68400YML Datasheet HTML 14Page - Micrel Semiconductor MIC68400YML Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC68400
September 2007
13
M9999-090607-C
Tracking Configurations
Normal Tracking
In normal tracking the Slave RC pin is driven from the
Master output. The internal control buffering assures
that the output of the Slave is always slightly above
the Master to guarantee that the Slave properly
regulates (based on its own internal reference) if
Master and Slave are both fixed voltage devices of the
same output voltage. The schematic and plot below
show a 1.2 volt device tracking a 1.8 volt device
through the entire turn-on / turn-off sequence. Note
that since the RC pin will overdrive the target voltage
(to assure proper regulation) the ramp down delay is
longer than the POR delay during turn-on.
Fixed Voltage Devices
Fixed voltage versions of MIC68400 have two internal
voltage dividers: one for setting the output voltage and
the other for driving the tracking circuitry. Adjustable
parts have up to two external dividers: one from
output to SNS (to set the output voltage) and one from
the output to the Slave RC pin (in tracking
configurations). Also, the RC pin in fixed parts
operates at the same voltage as the output, whereas
the RC pin in adjustable parts operates at the 0.5V
reference. To setup a normal tracking configuration,
the divider driving the Slave RC pin is the same ratio
(or nearly the same – if both Master and Slave are set
to the same output voltage, the Slave RC divider
should be adjusted 2% to 4% higher) as the divider
driving the Slave SNS pin. This is shown below.
Adjustable Voltage devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com