Electronic Components Datasheet Search
  English  ▼

X  

SK86 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK86
Description  Surface Mount Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK86 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK86 Datasheet HTML 1Page - Diotec Semiconductor SK86 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK82 ... SK810
SK82 ... SK810
Surface Mount Schottky Rectifiers
Schottky-Gleichrichter für die Oberflächenmontage
Version 2005-11-09
Dimensions - Maße [mm]
Nominal current – Nennstrom
8 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case
Kunststoffgehäuse
~ SMC
~ DO-214AB
Weight approx. – Gewicht ca.
0.21g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 8 A
SK82
20
20
< 0.50
< 0.55
SK83
30
30
< 0.50
< 0.55
SK84
40
40
< 0.50
< 0.55
SK85
50
50
< 0.63
< 0.70
SK86
60
60
< 0.63
< 0.70
SK88
80
80
< 0.77
< 0.85
SK810
100
100
< 0.77
< 0.85
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
TT = 85°C
IFAV
8 A 2)
8 A 3)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 2)
27 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
140/150 A 2)
125/135 A 3)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
100 A2s 2)
78 A2s 3)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1Tj = 25°C
2
SK82 ... SK86
3
SK88 ... SK810
© Diotec Semiconductor AG
http://www.diotec.com/
1
7.5
±0.2
7.9
±0.2
1.2
Type
Typ
0.15


Similar Part No. - SK86

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK86 MCC-SK86 Datasheet
81Kb / 3P
8 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK86 DIOTEC-SK86 Datasheet
54Kb / 2P
Surface Mount Schottky-Rectifiers
logo
Gaomi Xinghe Electronic...
SK86 GXELECTRONICS-SK86 Datasheet
228Kb / 1P
8.0Amp Schottky Rectifier 20 to 100 Volts
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
8A, 60V SCHOTTKY RECTIFIER
logo
Guangdong Juxing Electr...
SK86 JUXING-SK86 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - SK86

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com