Electronic Components Datasheet Search
  English  ▼

X  

HV209 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV209
Description  12-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV209 Datasheet(HTML) 2 Page - Supertex, Inc

  HV209 Datasheet HTML 1Page - Supertex, Inc HV209 Datasheet HTML 2Page - Supertex, Inc HV209 Datasheet HTML 3Page - Supertex, Inc HV209 Datasheet HTML 4Page - Supertex, Inc HV209 Datasheet HTML 5Page - Supertex, Inc HV209 Datasheet HTML 6Page - Supertex, Inc HV209 Datasheet HTML 7Page - Supertex, Inc HV209 Datasheet HTML 8Page - Supertex, Inc HV209 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings
VDD Logic power supply voltage
-0.5V to +15V
VPP - VNN Supply voltage
+220V
VPP Positive high voltage supply
-0.5V to +200V
VNN Negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to VDD +0.3V
VSIG Analog Signal Range
VNN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65 C to +150OC
Power dissipation
1.0W
All voltages are referenced to ground. Absolute maximum ratings are those
values which damage to the device may occur. Functional operation under
these conditions is not implied. Continuous operation of the device at the
absolute rating level may affect device reliability.
V
PP – VNN
200V
Ordering Information
Package Option
48-pin LQFP/TQFP (1.4mm)
O
HV209FG-G
-G indicates that the package is RoHS compliant (’Green’)
HV209FG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com