Electronic Components Datasheet Search
  English  ▼

X  

HV219 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV219
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219 Datasheet(HTML) 2 Page - Supertex, Inc

  HV219 Datasheet HTML 1Page - Supertex, Inc HV219 Datasheet HTML 2Page - Supertex, Inc HV219 Datasheet HTML 3Page - Supertex, Inc HV219 Datasheet HTML 4Page - Supertex, Inc HV219 Datasheet HTML 5Page - Supertex, Inc HV219 Datasheet HTML 6Page - Supertex, Inc HV219 Datasheet HTML 7Page - Supertex, Inc HV219 Datasheet HTML 8Page - Supertex, Inc HV219 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV219
Ordering Information
Package Options
Device
28-Lead PLCC
48-Lead LQFP
(7x7x1.4mm)
HV219
HV219PJ
HV219FG
HV219PJ-G
HV219FG-G
-G indicates the part is RoHS compliant (Green)
Absolute Maximum Ratings
Parameter
Value
V
DD logic power supply voltage
-0.5V to +15V
V
PP - VNN supply voltage
220V
V
PP positive high voltage supply
-0.5V to V
NN +200V
V
NN negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65OC to +150OC
Power dissipation:
28-Lead PLCC
48-Lead LQFP (7x7x1.4mm)
1.2W
1.0W
Operating Conditions
Symbol
Parameter
Value
V
DD
Logic power supply
voltage
4.5V to 13.2V
V
PP
Positive high voltage
supply
40V to V
NN +200V
V
NN
Negative high voltage
supply
-40V to -160V
V
IH
High level input logic
voltage
V
DD -1.5V to VDD
V
IL
Low-level input logic
voltage
0V to 1.5V
V
SIG
Analog signal voltage
peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air
temperature
0OC to 70OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
1
4
25
28-Lead (J) PLCC (PJ)
(top view)
1
48
48-Lead LQFP (FG)
(7x7x1.4mm)
(top view)
Pin Configurations
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID*
= “Green” Packaging
*May be part of top marking.
Top Marking
Bottom Marking
YYWW
HV219PJ
LLLLLLLLLL
CCCCCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV219FG
LLLLLLLLL
CCCCCCCC
AAA
28-Lead PLCC (PJ)
48-Lead LQFP (FG)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com