Electronic Components Datasheet Search
  English  ▼

X  

HV219FG Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV219FG
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219FG Datasheet(HTML) 6 Page - Supertex, Inc

  HV219FG Datasheet HTML 1Page - Supertex, Inc HV219FG Datasheet HTML 2Page - Supertex, Inc HV219FG Datasheet HTML 3Page - Supertex, Inc HV219FG Datasheet HTML 4Page - Supertex, Inc HV219FG Datasheet HTML 5Page - Supertex, Inc HV219FG Datasheet HTML 6Page - Supertex, Inc HV219FG Datasheet HTML 7Page - Supertex, Inc HV219FG Datasheet HTML 8Page - Supertex, Inc HV219FG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
HV219
Test Circuits
Switch OFF Leakage
ISOL
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN +10V
VPP -10V
DC Offset ON/OFF
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
100K
Ω
RL
TON/TOFF Test Circuit
VPP
5V
VNN
VPP
VNN
VDD
GND
VPP -10V
RL 10K
Ω
VOUT
Isolation Diode Current
IID
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN
VSIG
Crosstalk
KCR = 20Log
VOUT
VIN
VIN = 10 VP-P
@5MHz
NC
50
Ω
VPP
5V
VNN
VPP
VNN
VDD
GND
50
Ω
Charge Injection
VPP
5V
VNN
VPP
VNN
VDD
GND
VSIG
VOUT
1000pF
Q = 1000pF x V
OUT
VOUT
Output Voltage Spike
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
1K
Ω
RL
50
Ω
+VSPK
-V SPK
OFF Isolation
KO = 20Log
VOUT
VIN
VIN = 10 VP-P
@5MHz
VPP
5V
VNN
VPP
VNN
VDD
GND
RL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com