Electronic Components Datasheet Search
  English  ▼

X  

HV232FG Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV232FG
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232FG Datasheet(HTML) 1 Page - Supertex, Inc

  HV232FG Datasheet HTML 1Page - Supertex, Inc HV232FG Datasheet HTML 2Page - Supertex, Inc HV232FG Datasheet HTML 3Page - Supertex, Inc HV232FG Datasheet HTML 4Page - Supertex, Inc HV232FG Datasheet HTML 5Page - Supertex, Inc HV232FG Datasheet HTML 6Page - Supertex, Inc HV232FG Datasheet HTML 7Page - Supertex, Inc HV232FG Datasheet HTML 8Page - Supertex, Inc HV232FG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HV230/HV232
Features
HVCMOS® technology for high performance
Very low quiescent power dissipation – 10µA
Output On-resistance typically 22Ω
Integrated bleed resistors on the outputs
Low parasitic capacitances
DC to 10MHz analog signal frequency
-60dB typical output off isolation at 5.0MHz
CMOS logic circuitry for low power
Excellent noise immunity
On-chip shift register, latch and clear logic circuitry
Flexible high voltage supplies
Applications
Medical ultrasound imaging
Piezoelectric transducer drivers
►
►
►
►
►
►
►
►
►
►
►
►
►
Block Diagram
Low Charge Injection 8-Channel High Voltage
Analog Switches with Bleed Resistors
General Description
The Supertex HV230 and HV232 are low charge injection 8-
channel high-voltage analog switch integrated circuits(ICs)
with bleed resistors. These devices can be used in applications
requiring high voltage switching controlled by low voltage
control signals, such as ultrasound imaging and printers. The
bleed resistors eliminate voltage built up on capacitive loads
such as piezoelectric transducers. Input data is shifted into
an 8-bit shift register which can then be retained in an 8-bit
latch. To reduce any possible clock feed-through noise, Latch
Enable Bar (LE) should be left high until all bits are clocked
in. Using HVCMOS technology, this switch combines high
voltage bilateral DMOS switches and low power CMOS logic
to provide efficient control of high voltage analog signals.
These ICs are suitable for various combinations of high voltage
supplies, e.g., V
PP/VNN: +50V/–150V, or +100V/–100V.
LE CL
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
VPP
VNN
VDD
RGND
DOUT
DIN
CLK
8-Bit
Shift
Register
Latches
Level
Shifters
Output
Switches
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL


Similar Part No. - HV232FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232FG SUTEX-HV232FG Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV232FG-G SUTEX-HV232FG-G Datasheet
567Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
logo
Microchip Technology
HV232FG-G MICROCHIP-HV232FG-G Datasheet
1Mb / 22P
8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
January 2026
logo
Supertex, Inc
HV232FG-GM931 SUTEX-HV232FG-GM931 Datasheet
567Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results

Similar Description - HV232FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_13 Datasheet
586Kb / 9P
Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com