Electronic Components Datasheet Search
  English  ▼

X  

SD103A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SD103A
Description  Si-Schottky-Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SD103A Datasheet(HTML) 1 Page - Diotec Semiconductor

  SD103A Datasheet HTML 1Page - Diotec Semiconductor SD103A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103A ... SD103C
SD103A ... SD103C
Si-Schottky-Barrier Diodes
Si-Schottky-Barrier Dioden
Version 2005-06-21
Dimensions - Maße [mm]
Nominal current
Nennstrom
0.2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...40 V
Glass case
Glasgehäuse
DO-35
(SOD-27)
Weight approx.
Gewicht ca.
0.13 g
Equivalent SMD-version
Äquvalente SMD-Ausführung
LL103C...LL103A
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings (TA =25°C)
Grenzwerte (TA =25°C)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Forward voltage
Durchlass-Spannung
VF [V]
IF = 20 mA
IF = 200 mA
SD103C
20
< 0.37
< 0.6
SD103B
30
< 0.37
< 0.6
SD103A
40
< 0.37
< 0.6
Power dissipation
Verlustleistung
TA = 25°C
Ptot
400 mW1)
Peak forward surge current, 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
IFSM
15 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+125°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 1.9
Ø 0.52


Similar Part No. - SD103A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103A SEMTECH-SD103A Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103A GE-SD103A Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103A ETC1-SD103A Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
LL101A DIOTEC-LL101A_07 Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes
SD101A DIOTEC-SD101A Datasheet
45Kb / 1P
Si-Schottky-Barrier Diodes
LL101B DIOTEC-LL101B_10 Datasheet
87Kb / 1P
Surface Mount Si-Schottky Diodes
SD101AW DIOTEC-SD101AW Datasheet
101Kb / 2P
Surface Mount Si-Schottky Diodes
SD103AW DIOTEC-SD103AW Datasheet
102Kb / 2P
Surface Mount Si-Schottky Diodes
LL101B DIOTEC-LL101B_13 Datasheet
134Kb / 1P
Surface Mount Si-Schottky Diodes
LL103A DIOTEC-LL103A_13 Datasheet
136Kb / 1P
Surface Mount Si-Schottky Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com