Electronic Components Datasheet Search
  English  ▼

X  

HV257 Datasheet(PDF) 13 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifi er Array
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button HV257 Datasheet HTML 5Page - Supertex, Inc HV257 Datasheet HTML 6Page - Supertex, Inc HV257 Datasheet HTML 7Page - Supertex, Inc HV257 Datasheet HTML 8Page - Supertex, Inc HV257 Datasheet HTML 9Page - Supertex, Inc HV257 Datasheet HTML 10Page - Supertex, Inc HV257 Datasheet HTML 11Page - Supertex, Inc HV257 Datasheet HTML 12Page - Supertex, Inc HV257 Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Doc.# DSFP-HV257
B121106
HV257
100-Lead MQFP Package Outline (FG)
20x14mm body, 3.15mm height (max.), 0.65mm pitch, 3.2mm footprint
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
2.50
0.00
2.50
0.22
22.95
19.80
16.95
13.90
0.65
BSC
0.73
1.60
REF
0.25
BSC
0O
5O
NOM
-
-
2.70
-
23.20
20.00
17.20
14.00
0.88
-
-
MAX
3.15
0.25
2.90
0.40
23.45
20.20
17.45
14.20
1.03
7O
16O
JEDEC Registration MS-022, Variation GC-2, Issue B, Dec. 1996.
Drawings not to scale.
1
100
Top View
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
θ1
b
e
Side View
A2
A
A1
E
E1
D
D1
Seating
Plane
Note 1
(Index Area
E1/4 x D1/4)
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com