Electronic Components Datasheet Search
  English  ▼

X  

HV220GA-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV220GA-G
Description  Low Charge Injection 8-Channel High Voltage Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV220GA-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV220GA-G Datasheet HTML 1Page - Supertex, Inc HV220GA-G Datasheet HTML 2Page - Supertex, Inc HV220GA-G Datasheet HTML 3Page - Supertex, Inc HV220GA-G Datasheet HTML 4Page - Supertex, Inc HV220GA-G Datasheet HTML 5Page - Supertex, Inc HV220GA-G Datasheet HTML 6Page - Supertex, Inc HV220GA-G Datasheet HTML 7Page - Supertex, Inc HV220GA-G Datasheet HTML 8Page - Supertex, Inc HV220GA-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
HV220/HV20220/HV20320
Ordering Information
Device
Package Options
28-Lead PLCC
48-Lead LQFP/TQFP
(1.4mm)
25-Ball fpBGA
HV220
-
-
HV220GA
HV220GA-G
HV20220
HV20220PJ
HV20220FG
-
HV20220PJ-G
HV20220FG-G
HV20320
HV20320PJ
--
HV20320PJ-G
-G indicates the part is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD logic power supply voltage
-0.5V to +15V
V
PP - VNN supply voltage
220V
V
PP positive high voltage supply
-0.5V to V
NN +200V
V
NN negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65OC to +150OC
Power dissipation:
28-Lead PLCC
48-Lead LQFP/ TQFP(1.4mm)
25-Ball fpBGA
1.2W
1.0W
1.0W
Operating Conditions
Symbol Parameter
Value
V
DD
Logic power supply voltage 1,3
4.5V to 13.2V
V
PP
positive high voltage supply 1,3
40V to V
NN +200V
V
NN
negative high voltage supply 1,3
-40V to -160V
V
IH
High level input voltage
V
DD -1.5V to VDD
V
IL
Low-level input voltage
0V to 1.5V
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to
V
PP -10V
2
T
A
Operating free air temperature
0OC to 70OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Notes:
1. Power up/down sequence is arbtrary except GND must be powered -up first
and powered down last.
2. V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3. Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than
1.0msec.
Product Marking
HV20220 FG
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV20220FG
LLLLLLLLL
CCCCCCCC
AAA
HV20220 PJ
HV20320 PJ
HV20220 GA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV20220PJ
LLLLLLLLLL
CCCCCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV20320PJ
LLLLLLLLLL
CCCCCCCCCCC
AAA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
HV220GA
LLLLLLLLL
Top Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com