Electronic Components Datasheet Search
  English  ▼

X  

HV440 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV440
Description  High-Voltage Ring Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV440 Datasheet(HTML) 2 Page - Supertex, Inc

  HV440 Datasheet HTML 1Page - Supertex, Inc HV440 Datasheet HTML 2Page - Supertex, Inc HV440 Datasheet HTML 3Page - Supertex, Inc HV440 Datasheet HTML 4Page - Supertex, Inc HV440 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Symbol Parameters
Min
Typ
Max
Unit
Conditions
V
PP1
High voltage positive supply
15
110
V
T
A = -40°C to +85°C
VPP2
Positive linear regulator output voltage
VPP1 - 9.9
VPP1 -19.1
V
TA = -40°C to +85°C
V
NN1
High voltage negative supply
V
PP1 - 220
-110
V
T
A = -40°C to +85°C
V
NN2
Negative linear regulator output voltage V
NN1 + 5.6
V
NN1 + 10.5
V
T
A = -40°C to +85°C
V
DD
Logic supply voltage
4.5
5.5
V
T
A = -40°C to +85°C
I
PP1Q
V
PP1 quiescent current
250
400
µA
P
IN = NIN = 0V, TA = -40°C to +85°C
INN1Q
VNN1 quiescent current
250
550
µA
PIN = NIN = 0V, TA = -40°C to +85°C
I
DDQ
V
DD1 quiescent current
150
µA
P
IN = NIN = 0V Mode = 0
I
DDQ
V
DD1 quiescent current
60
µA
P
IN = NIN = 0V Mode = 1
I
PP1
V
PP1 operating current
1.7
mA
No load, V
OUTP and VOUTN switching at
100KHz, T
A = -40°C to +85°C
INN1
VNN1 operating current
1.9
mA
No load, VOUTP and VOUTN switching at
100KHz, T
A = -40°C to +85°C
I
DD
V
DD operating current
1.0
mA
I
IL
Mode logic input low current
25
µA
Mode = 0V
V
IL
Logic input low voltage
0
1.0
V
V
DD = 5.0V
VIH
Logic input high voltage
4.0
5.0
V
VDD = 5.0V
High Voltage Output
Symbol Parameters
Min
Typ
Max
Unit
Conditions
R
SOURCE VOUTP source resistance
60
80
Ω
I
OUT = 100mA
R
SINK
V
OUTP sink resistance
60
80
Ω
I
OUT = -100mA
∆R/∆T
Change in source/sink resistance
0.33
Ω/°C T
A = -40°C to +85°C
over temperature
td(ON)
HVOUT delay time
150
ns
PIN = high to low, Mode = high
t
rise
HV
OUT rise time
50
ns
P
IN = high to low
t
d(OFF)
HV
OUT delay time
200
ns
N
IN = low to high, Mode = high
t
fall
HV
OUT fall time
50
ns
N
IN = low to high
t
db
Logic deadband time
200
ns
Mode = low
Vpsen
HVOUT current source sense voltage
VPP1 -0.75
VPP1 -1.00
VPP1 - 1.25
V
V
PP1 -0.67
V
PP1 -1.31
T
A = -40°C to +85°C
V
nsen
HV
OUT current sink sense voltage
V
NN1 + 0.75
V
NN1 + 1.00
V
NN1 + 1.25
V
V
NN1 + 0.65
V
NN1 + 1.33
T
A = -40°C to +85°C
t
shortP
HV
OUT off time when current source sense
100
ns
is activated
tshortN
HVOUT off time when current sink sense
100
ns
is activated
t
WHOUT
Minimum pulse width for HV
OUT at VPP1
500
ns
T
A = -40°C to +85°C
t
WLOUT
Minimum pulse width for HV
OUT at VNN1
500
ns
T
A = -40°C to +85°C
Electrical Characteristics
(Over operating supply voltage unless otherwise specified, TA = 25°C.)
Truth Table
N
IN
P
IN
Mode
EN
HV
OUT
LL
H
L
V
PP1
L
H
H
L
High Z
HL*
H
L
–
HH
H
L
V
NN1
LX
L
L
V
NN1
HX
L
L
V
PP1
X
X
X
H
High Z
*This state will short V
PP1 to VNN1 and should therefore be avoided.
032105
HV440



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com